Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 217 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 217 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 213Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 214Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 215Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 216Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 217Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 218Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 219Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 220Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 221Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 296 page
background image
Page 201
TMP86FS49AIUG
The serial bus interface circuit has a clock synchronization function. This function ensures normal
transfer even if there are two or more masters on the same bus.
The example explains clock synchronization procedures when two masters simultaneously exist on a
bus.
Figure 16-4 Clock Synchronization
As Master 1 pulls down the SCL pin to the low level at point “a”, the SCL line of the bus becomes the
low level. After detecting this situation, Master 2 resets counting a clock pulse in the high level and sets
the SCL pin to the low level.
Master 1 finishes counting a clock pulse in the low level at point “b” and sets the SCL pin to the high
level. Since Master 2 holds the SCL line of the bus at the low level, Master 1 waits for counting a clock
pulse in the high level. After Master 2 sets a clock pulse to the high level at point “c” and detects the SCL
line of the bus at the high level, Master 1 starts counting a clock pulse in the high level. Then, the master,
which has finished the counting a clock pulse in the high level, pulls down the SCL pin to the low level.
The clock pulse on the bus is determined by the master device with the shortest high-level period and
the master device with the longest low-level period from among those master devices connected to the
bus.
16.5.4 Slave address and address recognition mode specification
When the serial bus interface circuit is used with an addressing format to recognize the slave address, clear
the ALS (Bit0 in I2CAR) to “0”, and set the SA (Bits7 to 1 in I2CAR) to the slave address.
When the serial bus interface circuit is used with a free data format not to recognize the slave address, set the
ALS to “1”. With a free data format, the slave address and the direction bit are not recognized, and they are
processed as data from immediately after start condition.
16.5.5 Master/slave selection
To set a master device, the MST (Bit7 in SBICRB) should be set to “1”. To set a slave device, the MST
should be cleared to “0”.
When a stop condition on the bus or an arbitration lost is detected, the MST is cleared to “0” by the hard-
ware.
16.5.6 Transmitter/receiver selection
To set the device as a transmitter, the TRX (Bit6 in SBICRB) should be set to "1". To set the device as a
receiver, the TRX should be cleared to “0”. When data with an addressing format is transferred in the slave
mode, the TRX is set to "1" by a hardware if the direction bit (R/W) sent from the master device is “1”, and is
cleared to “0” by a hardware if the bit is “0”. In the master mode, after an acknowledge signal is returned from
the slave device, the TRX is cleared to “0” by a hardware if a transmitted direction bit is “1”, and is set to "1"
by a hardware if it is “0”. When an acknowledge signal is not returned, the current condition is maintained.
Count start
ab
c
SCL pin (Master 1)
SCL pin (Master 2)
SCL (Bus)
Count restart
Wait
Count reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com