Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 288 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 288 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 284Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 285Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 286Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 287Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 288Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 289Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 290Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 291Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 292Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 296 page
background image
Page 272
22. Electrical Characteristics
22.6 Flash Characteristics
TMP86FS49AIUG
22.5 AC Characteristics
22.6 Flash Characteristics
22.6.1 Write/Retention Characteristics
(VSS = 0 V, 4.5 V ≤ VDD ≤ 5.5 V, Topr = -40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Machine cycle time
tcy
NORMAL1, 2 modes
0.25
–
4
µs
IDLE0, 1, 2 modes
SLOW1, 2 modes
117.6
–
133.3
SLEEP0, 1, 2 modes
High-level clock pulse width
tWCH
For external clock operation (XIN input)
fc = 16 MHz
–
31.25
–
ns
Low-level clock pulse width
tWCL
High-level clock pulse width
tWSH
For external clock operation (XTIN input)
fs = 32.768 kHz
–
15.26
–
µs
Low-level clock pulse width
tWSL
(VSS = 0 V, 3.0 V ≤ VDD < 4.5 V, Topr = -40 to 85°C)
Paramete
Symbol
Condition
Min
Typ.
Max
Unit
Machine cycle time
tcy
NORMAL1, 2 modes
0.5
–
4
µs
IDLE0, 1, 2 modes
SLOW1, 2 modes
117.6
–
133.3
SLEEP0, 1, 2 modes
High-level clock pulse width
tWCH
For external clock operation (XIN input)
fc = 8 MHz
–
62.5
–
ns
Low-level clock pulse width
tWCL
High-level clock pulse width
tWSH
For external clock operation (XTIN input)
fs = 32.768 kHz
–
15.26
–
µs
Low-level clock pulse width
tWSL
(VSS = 0 V)
Paramete
Condition
Min
Typ.
Max.
Unit
Number of guaranteed writes to flash memory
VSS = 0 V, Topr = -10 to 40°C
–
–
100
Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com