Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 291 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 291 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 287Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 288Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 289Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 290Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 291Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 292Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 293Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 294Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 295Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 296 page
background image
Page 275
TMP86FS49AIUG
23. Reference evaluation information
As a reference, Toshiba conducted ESD immunity test for TMP86FS49AIUG by Charged Device Model (CDM)
in addition to Machine Model (MM) and Human Body Model (HBM).
The following is a result.
Used Model : CDM
Immunity
positive voltatge : more than 500V,
negative voltage : more than 500V
Notice: This data does not mean a warranty for the immunity. Therefore Toshiba would like to ask a customer to
handle it as a reference.
If there are any questions, please contact us through our sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com