Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28FG Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 43Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 44Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 45Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 46Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 47Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 48Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 49Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 50Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 272 page
background image
Page 35
TMP86FS28FG
3. Interrupt Control Circuit
The TMP86FS28FG has a total of 23 interrupt sources excluding reset. Interrupts can be nested with priorities.
Four of the internal interrupt sources are non-maskable while the rest are maskable.
Interrupt sources are provided with interrupt latches (IL), which hold interrupt requests, and independent vectors.
The interrupt latch is set to “1” by the generation of its interrupt request which requests the CPU to accept its inter-
rupts. Interrupts are enabled or disabled by software using the interrupt master enable flag (IMF) and interrupt enable
flag (EF). If more than one interrupts are generated simultaneously, interrupts are accepted in order which is domi-
nated by hardware. However, there are no prioritized interrupt factors among non-maskable interrupts.
Note 1: To use the address trap interrupt (INTATRAP), clear WDTCR1<ATOUT> to “0” (It is set for the “reset request” after reset is
cancelled). For details, see “Address Trap”.
Note 2: To use the watchdog timer interrupt (INTWDT), clear WDTCR1<WDTOUT> to "0" (It is set for the "Reset request" after
reset is released). For details, see "Watchdog Timer".
Interrupt Factors
Enable Condition
Interrupt
Latch
Vector
Address
Priority
Internal/External
(Reset)
Non-maskable
–
FFFE
1
Internal
INTSWI (Software interrupt)
Non-maskable
–
FFFC
2
Internal
INTUNDEF (Executed the undefined instruction
interrupt)
Non-maskable
–
FFFC
2
Internal
INTATRAP (Address trap interrupt)
Non-maskable
IL2
FFFA
2
Internal
INTWDT (Watchdog timer interrupt)
Non-maskable
IL3
FFF8
2
External
INT0
IMF• EF4 = 1, INT0EN = 1
IL4
FFF6
5
External
INT1
IMF• EF5 = 1
IL5
FFF4
6
Internal
INTTBT
IMF• EF6 = 1
IL6
FFF2
7
Internal
INTTC10
IMF• EF7 = 1
IL7
FFF0
8
Internal
INTRXD0
IMF• EF8 = 1
IL8
FFEE
9
Internal
INTTXD0
IMF• EF9 = 1
IL9
FFEC
10
Internal
INTTC11
IMF• EF10 = 1
IL10
FFEA
11
External
INT2
IMF• EF11 = 1
IL11
FFE8
12
-
Reserved
IMF• EF12 = 1
IL12
FFE6
13
-
INTSIO
IMF• EF13 = 1
IL13
FFE4
14
-
Reserved
IMF• EF14 = 1
IL14
FFE2
15
-
Reserved
IMF• EF15 = 1
IL15
FFE0
16
-
Reserved
IMF• EF16 = 1
IL16
FFBE
17
-
Reserved
IMF• EF17 = 1
IL17
FFBC
18
-
Reserved
IMF• EF18 = 1
IL18
FFBA
19
-
Reserved
IMF• EF19 = 1
IL19
FFB8
20
Internal
INTTC3
IMF• EF20 = 1
IL20
FFB6
21
Internal
INTTC4
IMF• EF21 = 1
IL21
FFB4
22
External
INT3
IMF• EF22 = 1
IL22
FFB2
23
Internal
INTTC5
IMF• EF23 = 1
IL23
FFB0
24
Internal
INTTC6
IMF• EF24 = 1
IL24
FFAE
25
External
INT4
IMF• EF25 = 1
IL25
FFAC
26
External
INT5
IMF• EF26 = 1
IL26
FFAA
27
Internal
INTRXD1
IMF• EF27 = 1
IL27
FFA8
28
Internal
INTTXD1
IMF• EF28 = 1
IL28
FFA6
29
Internal
INTADC
IMF• EF29 = 1
IL29
FFA4
30
-
Reserved
IMF• EF30 = 1
IL30
FFA2
31
-
Reserved
IMF• EF31 = 1
IL31
FFA0
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com