Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28FG Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 64Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 65Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 66Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 69Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 272 page
background image
Page 56
5. I/O Ports
5.2 Port P1 (P10 to P17)
TMP86FS28FG
Figure 5-3 Port P1
Note 1: Pins set to input mode read the pin input data. Therefore, when both input and output modes are used in Port P1,
the contents of the output latch of a pin set to input mode may be overwritten by a bit manipulation instruction.
Note 2: For a pin used as an analog input, be sure to clear the corresponding bit in P1CR2 to "0" to prevent flow-through
current.
Note 3: For a pin used as an analog input, do not set P1CR1 to "1" (port output) to prevent the pin from becoming shorted
with an external signal.
Note 4: Pins not used as analog inputs can be used as input/output pins. During AD conversion, however, output instruc-
tions must not be executed to ensure the accuracy of conversion results. Also, during AD conversion, do not input
signals that fluctuate widely to pins near analog input pins.
Data output (P1DR)
Data input (P1DR)
STOP
OUTEN
AINDS
SAIN
P1CR2i input
P1CR1i input
P CR2i
P1CR1i
P1i
Note 1) i = 0, 1, 6, 7 : j = 2~5 : k = 2~5
Note 2) STOP = bit 7 in SYSCR1
Note 3) SAIN = AD input select signal
Note 4) STOPk = input select signal for
key-on wake-up
Key-on wake-up
Data output (P1DR)
Data input (P1DR)
STOP
STOPk
OUTEN
AINDS
SAIN
P1CR2j input
P1CR1j input
P1CR2j
P1CR1j
P1j
DQ
DQ
DQ
DQ
DQ
DQ
Analog input
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com