Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28FG Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 66Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 69Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 272 page
background image
Page 58
5. I/O Ports
5.3 Port P2 (P20 to P22)
TMP86FS28FG
5.3 Port P2 (P20 to P22)
Port P2 is a 3-bit input/output port that can also be used for external interrupt input, STOP mode release signal
input, or low-frequency resonator connection.
To use Port P2 as an input port or function pins, set the output latch (P2DR) to “1”. A reset initializes P2DR to “1”.
In the dual clock mode, pins P21 (XTIN) and P22 (XOUT) are connected with a low-frequency resonator (32.768
kHz). In the single clock mode, pins P21 and P22 can be used as normal input/output port pins.
It is recommended that pin P20 be used as an external interrupt input, STOP release signal input, or input port.
(When P20 is used as an output port, the interrupt latch is set on the falling edge of the output pulse.)
Port P2 has a separate data input register. The output latch state can be read from the P2DR register, and the pin
state can be read from the P2PRD register.
When a read instruction is executed on P2DR or P2PRD, bits 7 to 3 are read as undefined.
Figure 5-4 Port P2
Note: Since pin P20 is also used as a STOP pin, the output of P20 becomes high-impedance in STOP mode regardless of the
OUTEN state.
P2DR
(0002H)
R/W
76
543
21
0
P22
XTOUT
P21
XTIN
P20
INT5
STOP
(Initial value: **** *111)
P2PRD
(0FF2H)
Read only
76
543
21
0
P22
P21
P20
Data input (P20PRD)
Output latch read (P21)
Data output (P21)
Data output (P20)
Data input (P20)
Data input (P21PRD)
Output latch read (P22)
Data input (P22PRD)
Data output (P22)
STOP
OUTEN
XTEN
fs
P22 (XTOUT)
P21 (XTIN)
P20 (INT5, STOP)
Control input
Output latch
Output latch
Output latch
Osc. enable
DQ
DQ
DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com