Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28FG Datasheet(PDF) 77 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 77 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 74Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 75Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 76Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 77Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 78Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 79Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 80Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 81Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 272 page
background image
Page 65
TMP86FS28FG
5.7 Port P6 (P60 to P67)
Port P6 is an 8-bit input/output port that can also be used for LCD segment output.
A reset initializes the output latch (P6DR) to “1”, the Pch control (P6OUTCR) to “0”, and the LCD output control
register (P6LCR) to “0”.
To use a pin in Port P6 as an input port, set P6DR to “1” and then set the corresponding bit in P6LCR and
P6OUTCR to “0”.
To use a pin in Port P6 as an LCD segment output, set the corresponding bit in P6LCR to “1”.
The output circuit of Port P6 can be set either as sink open-drain output (“0”) or CMOS output (“1”) individually
for each bit in P6OUTCR.
Port P6 has a separate data input register. The outut latch state can be read from the P6DR register, and the pin
state can be read from the P6PRD register.
Note: An asterisk (*) indicates that either “1” or “0” can be set.
Figure 5-8 Port P6
Table 5-9 Register Programming for Port P6 (P60 to P67)
Function
Programmed Value
P6DR
P6OUTCR
P6LCR
Port input
“1”
“0”
“0”
Port "0" output
“0”
Set as
appropriate.
“0”
Port “1” output
“1”
“0”
LCD segment output
*
*
“1”
Data input (P6PRD)
Output latch read (P6DR)
STOP
OUTEN
P6OUTCRi input
Data output (P6DR)
P6OUTCRi
P6i
Note) i = 7~0
DQ
DQ
LCD data output
P6LCRi
DQ
P6LCRi input
Output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com