Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28FG Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 93Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 94Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 95Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 96Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 97Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 98Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 99Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 100Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 272 page
background image
Page 85
TMP86FS28FG
Note 4: Auto-capture can be used only in the timer, event counter, and window modes.
Note 5: To set the timer registers, the following relationship must be satisfied.
TC10DRA > TC10DRB > 1 (PPG output mode), TC10DRA > 1 (other modes)
Note 6: Set TFF10 to “0” in the mode except PPG output mode.
Note 7: Set TC10DRB after setting TC10M to the PPG output mode.
Note 8: When the STOP mode is entered, the start control (TC10S) is cleared to “00” automatically, and the timer stops. After the
STOP mode is exited, set the TC10S to use the timer counter again.
Note 9: Use the auto-capture function in the operative condition of TC10. A captured value may not be fixed if it's read after the
execution of the timer stop or auto-capture disable. Read the capture value in a capture enabled condition.
Note 10:Since the up-counter value is captured into TC10DRB by the source clock of up-counter after setting TC10CR<ACAP10>
to "1". Therefore, to read the captured value, wait at least one cycle of the internal source clock before reading TC10DRB
for the first time.
8.1.3 Function
TimerCounter 10 has six types of operating modes: timer, external trigger timer, event counter, window,
pulse width measurement, programmable pulse generator output modes.
8.1.3.1 Timer mode
In the timer mode, the up-counter counts up using the internal clock. When a match between the up-counter and the timer
register 1A (TC10DRA) value is detected, an INTTC10 interrupt is generated and the up-counter is cleared. After being
cleared, the up-counter restarts counting. Setting TC10CR<ACAP10> to “1” captures the up-counter value into the timer
register 1B (TC10DRB) with the auto-capture function. Use the auto-capture function in the operative condition of TC10.
A captured value may not be fixed if it's read after the execution of the timer stop or auto-capture disable. Read the capture
value in a capture enabled condition. Since the up-counter value is captured into TC10DRB by the source clock of up-
counter after setting TC10CR<ACAP10> to "1". Therefore, to read the captured value, wait at least one cycle of the internal
source clock before reading TC10DRB for the first time.
Table 8-1 Internal Source Clock for TimerCounter 10 (Example: fc
= 16 MHz, fs = 32.768 kHz)
TC10CK
NORMAL1/2, IDLE1/2 mode
SLOW, SLEEP mode
DV7CK = 0
DV7CK = 1
Resolution
[
µs]
Maximum Time Setting
[s]
Resolution
[
µs]
Maximum Time Setting
[s]
Resolution
[
µs]
Maximum
Time Set-
ting [s]
00
128
8.39
244.14
16.0
244.14
16.0
01
8.0
0.524
8.0
0.524
–
–
10
0.5
32.77 m
0.5
32.77 m
–
–
Example 1 :Setting the timer mode with source clock fc/211 [Hz] and generating an interrupt 1 second later
(fc
= 16 MHz, TBTCR<DV7CK> = “0”)
LDW
(TC10DRA), 1E84H
; Sets the timer register (1 s
÷ 211/fc = 1E84H)
DI
; IMF
= “0”
SET
(EIRL). 7
; Enables INTTC10
EI
; IMF
= “1”
LD
(TC10CR), 00000000B
; Selects the source clock and mode
LD
(TC10CR), 00010000B
; Starts TC10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com