Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28FG Datasheet(PDF) 101 Page - Toshiba Semiconductor

Part # TMP86FS28FG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG Datasheet(HTML) 101 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 97Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 98Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 99Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 100Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 101Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 102Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 103Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 104Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 105Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 272 page
background image
Page 89
TMP86FS28FG
8.1.3.3 Event Counter Mode
In the event counter mode, the up-counter counts up at the edge of the input pulse to the TC10 pin.
Either the rising or falling edge of the input pulse is selected as the count up edge in TC10CR<TC10S>.
When a match between the up-counter and the TC10DRA value is detected, an INTTC10 interrupt is
generated and the up-counter is cleared. After being cleared, the up-counter restarts counting at each edge
of the input pulse to the TC10 pin. Since a match between the up-counter and the value set to TC10DRA
is detected at the edge opposite to the selected edge, an INTTC10 interrupt request is generated after a
match of the value at the edge opposite to the selected edge.
Two or more machine cycles are required for the low-or high-level pulse input to the TC10 pin.
Setting TC10CR<ACAP10> to “1” captures the up-counter value into TC10DRB with the auto capture
function. Use the auto-capture function in the operative condition of TC10. A captured value may not be
fixed if it's read after the execution of the timer stop or auto-capture disable. Read the capture value in a
capture enabled condition. Since the up-counter value is captured into TC10DRB by the source clock of
up-counter after setting TC10CR<ACAP10> to "1". Therefore, to read the captured value, wait at least
one cycle of the internal source clock before reading TC10DRB for the first time.
Figure 8-4 Event Counter Mode Timing Chart
Table 8-2 Input Pulse Width to TC10 Pin
Minimum Pulse Width [s]
NORMAL1/2, IDLE1/2 Mode
SLOW1/2, SLEEP1/2 Mode
High-going
23/fc
23/fs
Low-going
23/fc
23/fs
At the
rising edge
(TC10S = 10)
INTTC10
interrput request
TC10 pin Input
Up-counter
TC10DRA
?
2
1
0
n
Timer start
2
1
0
n
Match detect
Counter clear
n
- 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com