Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT001 Datasheet(PDF) 2 Page - NVE Corporation

Part # ACT001
Description  ACT001-10E Isolated Current Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

ACT001 Datasheet(HTML) 2 Page - NVE Corporation

  ACT001 Datasheet HTML 1Page - NVE Corporation ACT001 Datasheet HTML 2Page - NVE Corporation ACT001 Datasheet HTML 3Page - NVE Corporation ACT001 Datasheet HTML 4Page - NVE Corporation ACT001 Datasheet HTML 5Page - NVE Corporation ACT001 Datasheet HTML 6Page - NVE Corporation ACT001 Datasheet HTML 7Page - NVE Corporation ACT001 Datasheet HTML 8Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACT001-10E Isolated Current Sensor
NVE Corporation
•
11409 Valley View Road, Eden Prairie, MN 55344-3617
•
(952) 829-9217
•
www.nve.com
Operating Specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Nominal Bridge Resistance
25°C
10
20
kΩ
Sensitivity
Operating; 5 V Supply, 25°C
0.03
0.04
0.05
mV/V-mA
Frequency Response
300
kHz
Linear Range of Current
Measurement
Operating; Full Voltage and
Temperature Range
−500
500
mA
Saturation Current
±1000
±1500
mA
Output Linearity
Over Linear Current Range;
Full Oper. Temperature Range
1
%
Hysteresis
1
%
Bridge Electrical Offset
25°C
−2
+2
mV/V
Bridge Supply Voltage
0
14
|Volts|
Isolation Voltage
See Note 1
240
VRMS
On-Chip Current Strap
Resistance
25°C
0.4
0.65
Ω
On-Chip Current Strap
Resistance Temperature
Coefficient
+0.6
%/C
Operating Temperature Range
Operating
−40
150
C
Temperature Coefficient of
Sensitivity
TCOV
−0.2
0.2
%/C
Offset Drift over Temperature
TCO
25
µV/C
External Magnetic
Interference Rejection
2
mT
Notes:
1. For isolation measurement, the sensor is considered a two terminal device:
I+ and I- pins (pins 3 and 4) are shorted, and bridge pins (pins 1, 2, 5, and 6) are shorted.
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Absolute Maximum Steady-State Current
−500
500
mA
Bridge Supply Voltage
0
14
Volts
Storage Temperature
−40
170
C
Ambient Magnetic Field
Unlimited
Note: Exceeding Absolute Maximum Ratings may cause permanent damage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com