Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT001 Datasheet(PDF) 1 Page - NVE Corporation

Part # ACT001
Description  ACT001-10E Isolated Current Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

ACT001 Datasheet(HTML) 1 Page - NVE Corporation

  ACT001 Datasheet HTML 1Page - NVE Corporation ACT001 Datasheet HTML 2Page - NVE Corporation ACT001 Datasheet HTML 3Page - NVE Corporation ACT001 Datasheet HTML 4Page - NVE Corporation ACT001 Datasheet HTML 5Page - NVE Corporation ACT001 Datasheet HTML 6Page - NVE Corporation ACT001 Datasheet HTML 7Page - NVE Corporation ACT001 Datasheet HTML 8Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACT001-10E Isolated Current Sensor
NVE Corporation
•
11409 Valley View Road, Eden Prairie, MN 55344-3617
•
(952) 829-9217
•
www.nve.com
ACT001-10E Isolated Current Sensor
Key Features
• For low-current detection and measurement
• On-chip current strap for precise operation
• Electrically isolated for removing ground loops
• −500 mA to +500 mA linear range
• 0.04 mV/V-mA sensitivity
• Ratiometric output for power measurement
• AC or DC measurement
• Ultraminiature 2.5 mm x 2.5 mm x 0.8 mm DFN6
Applications
• AC and DC motor control
• Power measurement
• Overcurrent protection
• Battery management systems
Description
The ACT001-10E is a high-linearity, extremely low-hysteresis current sensor manufactured with NVE’s
state-of-the-art tunneling magnetoresistance (TMR) technology. The sensor has an on-chip current strap
close to TMR sensor elements that enable highly sensitive and accurate measurements. The sensor output is a
bipolar voltage signal proportional to the current through the strap.
ACT001-10E Block Diagram


Similar Part No. - ACT001

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
ACT00AB-G-EL00N TEC-ACT00AB-G-EL00N Datasheet
260Kb / 4P
Composite Backshells
logo
Texas Instruments
ACT00M TI-ACT00M Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
ACT00M TI-ACT00M Datasheet
301Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - ACT001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6601-IL MAXIM-71M6601-IL Datasheet
337Kb / 19P
Isolated Sensor ICs
Rev 3; 12/12
logo
Allegro MicroSystems
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS725 ALLEGRO-ACS725 Datasheet
629Kb / 19P
Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS730 ALLEGRO-ACS730 Datasheet
883Kb / 18P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
logo
Texas Instruments
TMCS1101 TI1-TMCS1101 Datasheet
746Kb / 31P
TMCS1101 Precision, Isolated Current Sensor With Internal Reference
TMCS1100 TI1-TMCS1100 Datasheet
1,005Kb / 35P
TMCS1100 High-Precision, Isolated Current Sensor With External Reference
logo
HARTING Technology Grou...
09-33-010-2602 HARTING-09-33-010-2602 Datasheet
461Kb / 2P
Han 10E insert male crimp
logo
Teridian Semiconductor ...
71M6103 TERIDIAN-71M6103 Datasheet
380Kb / 19P
Isolated Sensor ICs
Rev 6/11, June 2011
logo
MultiDimension Technolo...
TMR7307-C MULTIDIMENSION-TMR7307-C Datasheet
740Kb / 12P
Isolated, Wide Bandwidth, Open Loop TMR Current Sensor
Version 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com