Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT001 Datasheet(PDF) 5 Page - NVE Corporation

Part # ACT001
Description  ACT001-10E Isolated Current Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

ACT001 Datasheet(HTML) 5 Page - NVE Corporation

  ACT001 Datasheet HTML 1Page - NVE Corporation ACT001 Datasheet HTML 2Page - NVE Corporation ACT001 Datasheet HTML 3Page - NVE Corporation ACT001 Datasheet HTML 4Page - NVE Corporation ACT001 Datasheet HTML 5Page - NVE Corporation ACT001 Datasheet HTML 6Page - NVE Corporation ACT001 Datasheet HTML 7Page - NVE Corporation ACT001 Datasheet HTML 8Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ACT001-10E Isolated Current Sensor
NVE Corporation
•
11409 Valley View Road, Eden Prairie, MN 55344-3617
•
(952) 829-9217
•
www.nve.com
Overcurrent Switch with Hysteresis
Hysteresis can be added to a single- comparator overcurrent circuit to minimize spurious switching:
Figure 5. Overcurrent comparator circuit with hysteresis.
Three additional resistors set the hysteresis, which is equal to (R3/2R4) / Sensitivity.
Power Sensor
Since the sensor output is ratiometric with the power supply, the ACT001 can be used as a power sensor with
no additional components and no multiplication required:
Figure 6. Power sensor.
The sensor output is proportional to both the motor voltage and the motor current, so the sensor output is
proportional to power. Since the sensor has no active elements, it is accurate down to zero supply voltage.
+
-
ACT001
+
-
NCS
2200
R1 (
40 k)
2x
0.8 V
5.5 V
Comparator
Output
Current
200 mA
Threshold = R1
/R2 /
Rb = Sensor Bridge Resistance
Hysteresis = (R3/2R4) / Sensitivity
[(
+Rb/2)
] Sensitivity
R2
(5 M )
47
pF
2x 2
10 M )
R2
(
50 mA
R
(
4
10 M )
R
(
3
50 k)
Sensor
VDD
GND
I+
I-
OUT+
OUT-
Motor
VOUT+ – VOUT-
VDD x
I
= Power



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com