Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT001 Datasheet(PDF) 4 Page - NVE Corporation

Part # ACT001
Description  ACT001-10E Isolated Current Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

ACT001 Datasheet(HTML) 4 Page - NVE Corporation

  ACT001 Datasheet HTML 1Page - NVE Corporation ACT001 Datasheet HTML 2Page - NVE Corporation ACT001 Datasheet HTML 3Page - NVE Corporation ACT001 Datasheet HTML 4Page - NVE Corporation ACT001 Datasheet HTML 5Page - NVE Corporation ACT001 Datasheet HTML 6Page - NVE Corporation ACT001 Datasheet HTML 7Page - NVE Corporation ACT001 Datasheet HTML 8Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACT001-10E Isolated Current Sensor
NVE Corporation
•
11409 Valley View Road, Eden Prairie, MN 55344-3617
•
(952) 829-9217
•
www.nve.com
Differential Amplifier
An op-amp can be used to provide a single-ended amplified output. The circuit below has a gain of 20 for
full-scale at approximately the sensor’s maximum output. The potentiometer provides a positive offset so
negative currents still produce a positive output, and corrects the sensor’s offset. The 500 kΩ input resistors
are significantly higher than the sensor output impedance to avoid loading. The capacitor limits high-
frequency noise. The low-cost, low bias current op amp allows large resistors to avoid loading the sensor
bridge.
Figure 3. Differential amplifier circuit.
Overcurrent Switch
A comparator can be used to provide overcurrent detection:
Figure 4. Single-comparator overcurrent circuit.
The resistors set the switching threshold, which is equal to (R1/R2) / Sensitivity. The capacitor limits high-
frequency noise.
+
-
2.7-12V
500K
ACT001 Sensor
500K
TLV271
OUT-
OUT+
20(V
- V
)
OUT+
OUT-
10 M
10
M
VCC
GND
500K
Offset
47
pF
+
-
ACT001
0.8 V
5.5 V
+
-
NCS
2200
R1 (
100k )
2x
Comparator
Output
Current
200 mA
Threshold = (R1/R2) / sensitivity
R2
(10 M )
R2
(10 M )
47
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com