Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT001 Datasheet(PDF) 6 Page - NVE Corporation

Part # ACT001
Description  ACT001-10E Isolated Current Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

ACT001 Datasheet(HTML) 6 Page - NVE Corporation

  ACT001 Datasheet HTML 1Page - NVE Corporation ACT001 Datasheet HTML 2Page - NVE Corporation ACT001 Datasheet HTML 3Page - NVE Corporation ACT001 Datasheet HTML 4Page - NVE Corporation ACT001 Datasheet HTML 5Page - NVE Corporation ACT001 Datasheet HTML 6Page - NVE Corporation ACT001 Datasheet HTML 7Page - NVE Corporation ACT001 Datasheet HTML 8Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ACT001-10E Isolated Current Sensor
NVE Corporation
•
11409 Valley View Road, Eden Prairie, MN 55344-3617
•
(952) 829-9217
•
www.nve.com
Pinout
The ACT001-10E pinout is as follows:
Pin
Terminal
Description
1
V+
Supply Voltage
2
Out+
Positive Differential Bridge Output
3
I+
Current Terminal 1
4
I−
Current Terminal 2
5
Out−
Negative Differential Bridge Output
6
V−
Ground
Notes:
1.
Pins are numbered counterclockwise around the package.
2.
Current entering the chip via terminal I+ and leaving the chip via terminal I− produces a positive bridge output.
Available Parts
Part Number
Marking
Description
ACT001-10E
CTA
+/- 500 mA isolated current sensor
Package Drawing
Notes:
•
Dimensions in mm.
•
TDFN6 package has thermal power dissipation of 320°C/Watt in free air.
•
Attaching the package to a circuit board improves thermal performance, especially if the center pad is also soldered to the board.
•
The center pad may be left floating or connected to ground.
©NVE Corporation
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com