Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9185 Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9185
Description  Ultra Low Power 5V Boost Converter, 20V Linear Charger and Fuel Gauge All-in-One Solution for TWS Charge Cradle
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9185 Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  ETA9185 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ETA9185
www.etasolution.com
2
Empower Thinkers
ORDERING
INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA9185E10
ESSOP10
ETA9185
YWW2L
4000
ETA9185D3K
DFN3x3-10
ETA9185
YWW2L
5000
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
4
9
8
7
BAT
ISET
ENBST
LED2
LED1
NTC
5
SW
6 OUT
10
VIN
LED3
1
3
2
GND
1
2
3
4
5
6
7
8
9
10
VIN
BAT
ISET
ENBST
SW
LED3
LED2
LED1
NTC
OUT
ESSOP10
GND
DFN3x3-10
(Note: Exceeding these limits may damage the device. Exposure to absolute
maximum rating conditions for long periods may affect device reliability.)
VIN, NTC Voltage..................................-0.3V to 20V
ALL Other PIN Voltage............................-0.3V to 6V
SW to ground current ....................Internally limited
Operating Temperature Range ......–40°C to 85°C
Storage Temperature Range ........–55°C to 150°C
Thermal Resistance
θJA
θJC
ESSOP10..........................40.............10.........°C/W
DFN3x3-10.......................50….….…12..…..°C/W
Lead Temperature (Soldering 10sec) .........260°C
ESD HBM (Human Body Mode) ......................2KV
ESD CDM (Charged Device Mode) ................2KV
LATCHUP .................................................200mA
ELECTRICAL CHARACTERISTICS
(VBAT=3.8V, VIN=5V, VOUT = 5V, unless otherwise specified. Typical values are at TA = 25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Linear Charger
Input Standoff Voltage
20
V
Input Over-Voltage Protection
Voltage
VIN rising, HYS=0.3V
6.8
V
Input Voltage Range for Charging
4
6
V
VIN Under-voltage Lockout
Threshold
VIN rising, HYS=0.5V,
enable charging
4.5
V
Input Supply Current
Charge Mode
3
mA
Standby Mode
(Charge Terminated)
2
mA
Regulated VBATT Voltage
Charge Terminated Voltage
4.16
4.2
4.24
V
Charge Terminated Voltage, add
30K RES between LED2 and
GND
4.31
4.35
4.39
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com