Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9185 Datasheet(PDF) 4 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9185
Description  Ultra Low Power 5V Boost Converter, 20V Linear Charger and Fuel Gauge All-in-One Solution for TWS Charge Cradle
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9185 Datasheet(HTML) 4 Page - ETA SOLUTIONS CO. LIMITED

  ETA9185 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ETA9185
www.etasolution.com
4
Empower Thinkers
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OFF
168
ms
ENBST Input Current
VENBST=5V or 0V
-5
0
5
μA
ENBST High Voltage
VOUT=5V
1.2
V
ENBST low Voltage
VOUT=5V
0.4
V
Thermal Shutdown
Rising, Hysteresis=20°C
140
°C
PIN DESCRIPTION
PIN #
NAME DESCRIPTION
1
VIN
Input Supply Voltage. Bypass with a 10μF ceramic capacitor to GND
2
BAT
Connected to the battery positive terminal. Bypass with a 10uF ceramic capacitor to GND
3
ISET
Charge current program pin. The charge current is programmed by connecting a 1% resistor
(RISET), between ISET, to GND pin. The charge current can be calculated by using the
following formula:
IBAT=
1
Rset
×1000
4
ENBST
Enable pin for the Boost converter. Leave this pin floating to enable the part, low to disable.
Pulling high is not recommended.
5
SW
Inductor Connection. Connect an inductor Between SW and the regulator output.
6
OUT
Output pin. Bypass with a 22μF or larger ceramic capacitor closely between this pin and GND
7
NTC
Battery Temperature Monitoring input pin. It sets the valid temperature operating range for
battery charging. Disable NTC by setting R1=10K, RNTC=10K
8
LED1 LED1 pin for driver LED
9
LED2 LED2 pin for driver LED
10
LED3 LED2 pin for driver LED
11
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com