Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9185 Datasheet(PDF) 3 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9185
Description  Ultra Low Power 5V Boost Converter, 20V Linear Charger and Fuel Gauge All-in-One Solution for TWS Charge Cradle
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9185 Datasheet(HTML) 3 Page - ETA SOLUTIONS CO. LIMITED

  ETA9185 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ETA9185
www.etasolution.com
3
Empower Thinkers
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BAT Pin Current
RISET = 1K, Current Mode
1000
mA
RISET = 2K, Current Mode
500
mA
Trickle Charge Current
VBAT < VTRIKL, RISET = 2K
50
mA
Trickle Charge Threshold Voltage
VBAT Rising
3
V
Trickle Charge Hysteresis Voltage
200
mV
VIN–VBAT Lockout Threshold
Voltage
VIN from Low to High
100
mV
VIN from High to Low
50
mV
Termination Current Threshold
RISET = 2K
50
mA
ISET Pin Voltage
Current Mode, VBAT=4V
1
V
Recharge BAT Threshold Voltage
Vtermination - VRECHRG
150
mV
Thermal regulation When
Charging
100
°C
Vhold
VIN Voltage start to reduce
charging current, when select
Vtermination=4.2V
4.45
V
VIN Voltage start to reduce
charging current, when select
Vtermination=4.35V
4.55
V
Power FET “ON” Resistance
(Between VIN and BAT)
0.5
ohm
Soft-Start Time
IBAT = 0 to IBAT =1000V/RISET
200
μs
NTC Threshold, Cold
Charger Suspended
66
% VIN
NTC Threshold, Hot
Charger Suspended
35
% VIN
NTC Threshold Hysteresis
1
% VIN
NTC Input Leakage
0
1
μA
Boost Converter
Quiescent Current at BAT
Vbat=4V
8
15
μA
Shutdown Supply Current at BAT
VENBST =GND
3
5
μA
VBAT Startup Voltage
VBAT rising, HYS=0.2V
3.2
V
VBAT Unlock Voltage
When boost is lock by low VBAT
3.55
V
LOW BAT WARNING Voltage
HYS=100mV, Rising
3.15
V
Output Voltage at 5V
4.85
5
5.15
V
Switching Frequency
1.0
MHz
NMOS Switch On Resistance
ISW=100mA
100
mΩ
PMOS Switch On Resistance
ISW=100mA
100
mΩ
SW Leakage Current
VOUT=5.2V, VENBST=GND,
VSW=5.2V or VSW= 0V
0
10
μA
NMOS Switch Current Limit
2.5
A
Start-up Current Limit
2
A
Short Circuit Hiccup time
ON
24
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com