Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9185 Datasheet(PDF) 7 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9185
Description  Ultra Low Power 5V Boost Converter, 20V Linear Charger and Fuel Gauge All-in-One Solution for TWS Charge Cradle
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9185 Datasheet(HTML) 7 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA9185 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ETA9185
www.etasolution.com
7
Empower Thinkers
Charge Termination
The ETA9185 keeps monitoring the ISET pin during the charging process. It terminates the charge cycle when the
charge current falls to 1/10 the programmed value after the final VBAT voltage(4.2V or 4.35V) is reached. When the
ISET pin voltage falls below 100mV for longer than tTERM (typically 180ms), charging is terminated. The charge current
is latched off and the ETA9185 enters standby mode, where the input supply current drops to 2mA. (Note: C/10
termination is disabled in Vhold charging and thermal limiting modes).
During charging, the transient response of the circuit can cause the ISET pin to fall below 100mV temporarily before
the battery is fully charged, thus can cause a premature termination of the charge cycle. A 180ms filter time on the
termination comparator can prevent this from happening. Once the average charge current drops below 1/10 the
programmed value, the ETA9185 terminates the charge cycle and ceases to provide any current through the BAT pin.
In this state, all loads on the BAT pin must be supplied by the battery.
The ETA9185 constantly monitors the BAT pin voltage in standby mode and resume another charge cycle if this voltage
drops below the recharge threshold. User can also manually restart a charge cycle in standby mode by removing and
then reapplied the input voltage
High Temperature Fold-back
Build-in feedback circuitry mechanism can reduce the value of the programmed charge current once the die
temperature tends to rise above 100°C, hence prevents the temperature from further increase and ensure device safe
operation.
Under-voltage Lockout (UVLO)
Build-in under-voltage lockout circuit monitors the input voltage and keeps the charger in shutdown mode until VIN
rises above the under-voltage lockout threshold. The UVLO circuit has a built-in hysteresis of 500mV. Furthermore, to
protect against reverse current in the power MOSFET, the UVLO circuit keeps the charger in shutdown mode if VIN
falls to within 50mV of the battery voltage for 3mS. If the UVLO comparator is tripped, the charger will not come out of
shutdown mode until VIN rises 100mV above the battery voltage.
Automatic Recharge
After the termination of the charge cycle, the ETA9185 constantly monitors the BAT pin voltage and starts a new charge
cycle when the battery voltage falls below Recharge Voltage, keeping the battery at fully charged condition. ISET pin
output enters a strong pull-down state during recharge cycles.
Battery Temperature Monitoring
ETA9185 continuously monitors temperature by measuring the voltage of NTC pin. A negative or positive temperature
coefficient thermistor and an external voltage divider typically develop this voltage. ETA9185 compares this voltage
against its internal 66%VIN and 35%VIN thresholds to determine if charging is allowed. The temperature sensing circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com