Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9185 Datasheet(PDF) 8 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9185
Description  Ultra Low Power 5V Boost Converter, 20V Linear Charger and Fuel Gauge All-in-One Solution for TWS Charge Cradle
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9185 Datasheet(HTML) 8 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA9185 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA9185 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ETA9185
www.etasolution.com
8
Empower Thinkers
is immune to any fluctuation in VIN, since both the external voltage divider and the internal thresholds 66%VIN and
35%VIN are referenced to VIN. If the NTC pin is connected to GND will disable the temperature-sensing feature.
Ultra low current consumption at Light Load Boost Operation
Traditionally, a fixed constant frequency PWM DC/DC regulator always switches even when the output load is small.
When energy is shuffling back and forth through the power MOSFETs, power is lost due to the finite RDSONs of the
MOSFETs and parasitic capacitances. At light load, this loss is prominent and efficiency is therefore very low. ETA9185
employs a proprietary control scheme that improves efficiency in this situation by enabling the device into a power
saving mode during light load and the no load quiescent current can be lower than 10μA.
Output (5V OUT pin) Short-Circuit Protection
Unlike most step-up converters, the ETA9185 allows for short circuits on the output. In the event of a short circuit, the
device first turns off the NMOS when the sensed current reaches the current limit. When OUT drops below VBAT, the
device then enters a linear charge period with the current limited same as with the start-up period. In addition, the
thermal shutdown circuits disable switching if the die temperature rises above 140°C.
PCB GUIDELINES
4
9
8
7
BAT
ISET
ENBST
LED2
LED1
NTC
5
SW
6
OUT
10
VIN
LED3
1
3
2
GND
VIN
GND
5V
VOUT
10uF
10uF
10uF
2.2uH
VBAT
ETA9185
Via
Top Layer
Keep the power devices as close to the chip as possible to achieve the smallest power loop
area, which leads to the best EMI performance; Cin is always placed nearest to Vin and GND
Wire the ISET trace
away from SW node
or other noisy signal,
to keep minimum
parasitic capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com