Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL3085 Datasheet(PDF) 4 Page - NVE Corporation

Part # IL3085
Description  Low-Cost Isolated RS-485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3085 Datasheet(HTML) 4 Page - NVE Corporation

  IL3085 Datasheet HTML 1Page - NVE Corporation IL3085 Datasheet HTML 2Page - NVE Corporation IL3085 Datasheet HTML 3Page - NVE Corporation IL3085 Datasheet HTML 4Page - NVE Corporation IL3085 Datasheet HTML 5Page - NVE Corporation IL3085 Datasheet HTML 6Page - NVE Corporation IL3085 Datasheet HTML 7Page - NVE Corporation IL3085 Datasheet HTML 8Page - NVE Corporation IL3085 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IL3085
4
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
IL3085-1 (QSOP Package) Pin Connections
1
VDD1
Input power supply
2
R
Output data from bus
3
GND1
Input power supply ground return
4
RE
Read data enable
(if RE is high, R= high impedance)
5
DE
Drive enable
6
D
Data input to bus
7, 8
NC
No internal connection
9
A
Non-inverting bus line
10
B
Inverting bus line
11
VDD2X
Output transceiver power supply
(normally connected to pin 16)
12
XDE
Transceiver Device Enable input enables the
transceiver from the bus side, or is
connected to ISODE to enable the trans-
ceiver from the controller-side DE input.
(this input should not be left unterminated)
13
ISOR
Isolated R output
(for testing; no connection should be made
to this pin)
14
GND2
Output power supply ground return.
15
ISODE
Isolated DE output
(normally connected to pin 12)
16
VDD2I
Output isolation power supply
(normally connected to pin 11)
IL3085-1
IL3085-3 (0.15" SOIC Package) Pin Connections
1
VDD1
Input power supply
2
GND1
Input power supply ground return
3
R
Output data from bus
4
RE
Read data enable
(if RE is high, R= high impedance)
5
D
Data input to bus
6
DE
Drive enable
7, 8, 9
NC
No internal connection
10
XDE
Transceiver Device Enable input enables the
transceiver from the bus side, or is
connected to ISODE to enable the trans-
ceiver from the controller-side DE input.
(this input should not be left unterminated)
11
A
Non-inverting bus line
12
B
Inverting bus line
13
VDD2X
Output transceiver power supply
(normally connected to pin 16)
14
ISODE
Isolated DE output
(normally connected to pin 10)
15
GND2
Output power supply ground return.
16
VDD2I
Output isolation power supply
(normally connected to pin 13)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RE
VDD
2I
GND
1
DE
GND
2
R
ISODE
VDD
2X
D
B
A
XDE
NC
VDD
1
NC
NC
IL3085-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com