Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL3085 Datasheet(PDF) 10 Page - NVE Corporation

Part # IL3085
Description  Low-Cost Isolated RS-485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3085 Datasheet(HTML) 10 Page - NVE Corporation

Back Button IL3085 Datasheet HTML 6Page - NVE Corporation IL3085 Datasheet HTML 7Page - NVE Corporation IL3085 Datasheet HTML 8Page - NVE Corporation IL3085 Datasheet HTML 9Page - NVE Corporation IL3085 Datasheet HTML 10Page - NVE Corporation IL3085 Datasheet HTML 11Page - NVE Corporation IL3085 Datasheet HTML 12Page - NVE Corporation IL3085 Datasheet HTML 13Page - NVE Corporation IL3085 Datasheet HTML 14Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
IL3085
10
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Application Information
Figures 1a, 1b, and 1c show typical connections to a bus and microcontroller for the three package versions. The schematics include typical
termination and fail-safe resistors, and power supply decoupling capacitors:
11
10
9
VDD2 = 5 V
RFS-EXT
RT
RFS-EXT
120R
560R
560R
VDD1 = 3.3 V
ISODE
GND2
GND1
47nF
CDD1
47nF
CDD2
10µF
CDD2B
+
1
3
14
16
15
B
A
DE
D
R
RE
5
6
2
4
XDE
12
IL3085-1
ISOR
13
Figure 1a. Typical QSOP transceiver connections.
12
11
VDD2 = 5 V
RFS-EXT
RT
RFS-EXT
120R
560R
560R
VDD1 = 3.3 V
ISODE
GND2
GND1
47nF
CDD1
47nF
CDD2
10µF
CDD2B
+
1
2
15
16
14
B
A
DE
D
R
RE
6
5
3
4
XDE
10
13
IL3085-3
Figure 1b. Typical narrow-body connections.
13
12
RFS-EXT
RT
RFS-EXT
120R
560R
560R
ISODE
GND2
GND1
47nF
CDD1
47nF
CDD2
10µF
CDD2B
IL3085
+
1
2 or 8
9 or 15
16
10
B
A
DE
D
R
RE
5
6
3
4
VDD2 = 5 V
VDD1 = 3.3 V
Figure 1c. Typical wide-body connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com