Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL3085 Datasheet(PDF) 1 Page - NVE Corporation

Part # IL3085
Description  Low-Cost Isolated RS-485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3085 Datasheet(HTML) 1 Page - NVE Corporation

  IL3085 Datasheet HTML 1Page - NVE Corporation IL3085 Datasheet HTML 2Page - NVE Corporation IL3085 Datasheet HTML 3Page - NVE Corporation IL3085 Datasheet HTML 4Page - NVE Corporation IL3085 Datasheet HTML 5Page - NVE Corporation IL3085 Datasheet HTML 6Page - NVE Corporation IL3085 Datasheet HTML 7Page - NVE Corporation IL3085 Datasheet HTML 8Page - NVE Corporation IL3085 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
IL3085
IsoLoop
® is a registered trademark of NVE Corporation.
*U.S. Patent number 5,831,426; 6,300,617 and others.
REV. J
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
©NVE Corporation
Low-Cost Isolated RS-485 Transceivers
Functional Diagrams
DE
D
R
RE
ISODE
A
B
IL3085-1
XDE
ISOR
(QSOP)
DE
D
R
RE
ISODE
A
B
IL3085-3
XDE
(narrow-body)
DE
D
R
RE
ISODE
A
B
IL3085
(wide-body)
VID (A-B)
DE
RE
R
D
Mode
Notes
≥ 200 mV
L
L
H
X
Receive
≤−200mV
L
L
L
X
Open
L
L
H
X
A/B failsafe
≥ 1.5 V
H
L
H
H
Drive
R reads back
D information
≤−1.5 V
H
L
L
L
≥ 1.5 V
H
H
Z
H
R tri-state
(no output)
≤−1.5 V
H
H
Z
L
X
L
H
Z
X
Disabled
R tri-state;
A/B failsafe
Features
•
4 Mbps data rate
•
Supports up to 32 nodes
•
3 V to 5 V power supplies
•
50 kV/μs typ.; 30 kV/μs min. common mode transient immunity
•
Low quiescent supply current
•
44000 year barrier life
•
7 kV bus ESD protection
•
Low EMC footprint
•
Thermal shutdown protection
•
−40 °C to +85 °C and −40 °C to +125 °C versions
•
Meets or exceeds ANSI RS-485 and ISO 8482:1987(E)
•
2500 VRMS isolation voltage per UL 1577
•
VDE V 0884-11/IEC 60747-17:2020 certified; UL 1577 recognized
•
QSOP, 0.15" SOIC, and 0.3" True 8™ mm 16-pin SOIC packages
Applications
•
Factory automation
•
Industrial control networks
•
Building environmental controls
•
Equipment covered under IEC 61010-1 Edition 3
•
5 kVRMS rated IEC 60601-1 medical applications
Description
The IL3085 is a galvanically isolated, high-speed differential bus
transceiver, designed for bidirectional data communication on
balanced transmission lines. The device uses NVE’s patented*
spintronic Giant Magnetoresistance (GMR) technology.
A unique ceramic/polymer composite barrier provides excellent
isolation and virtually unlimited barrier life.
The wide-body version provides true 8 mm creepage. Narrow-body
and QSOP packages offer unprecedented miniaturization.
The IL3085 delivers at least 1.5 V into a 27 Ω load for excellent
data integrity over long cable lengths. The device is compatible with
3.3 V input supplies, allowing interface to standard microcontrollers
without additional level shifting.
Current limiting and thermal shutdown features protect against
output short circuits and bus contention that may cause excessive
power dissipation. Receiver inputs feature a “fail-safe if open”
design, ensuring a logic high R-output if A/B are floating.


Similar Part No. - IL3085

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
IL3085-1E NVE-IL3085-1E Datasheet
852Kb / 21P
Advanced Isolated RS-485 Transceivers
IL3085-1E TR13 NVE-IL3085-1E TR13 Datasheet
852Kb / 21P
Advanced Isolated RS-485 Transceivers
IL3085-1E TR7 NVE-IL3085-1E TR7 Datasheet
852Kb / 21P
Advanced Isolated RS-485 Transceivers
More results

Similar Description - IL3085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
PROFIBUS RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com