Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL3085 Datasheet(PDF) 6 Page - NVE Corporation

Part # IL3085
Description  Low-Cost Isolated RS-485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3085 Datasheet(HTML) 6 Page - NVE Corporation

Back Button IL3085 Datasheet HTML 2Page - NVE Corporation IL3085 Datasheet HTML 3Page - NVE Corporation IL3085 Datasheet HTML 4Page - NVE Corporation IL3085 Datasheet HTML 5Page - NVE Corporation IL3085 Datasheet HTML 6Page - NVE Corporation IL3085 Datasheet HTML 7Page - NVE Corporation IL3085 Datasheet HTML 8Page - NVE Corporation IL3085 Datasheet HTML 9Page - NVE Corporation IL3085 Datasheet HTML 10Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IL3085
6
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Driver Section
Electrical Specifications (Tmin to Tmax and VDD = 4.5 V to 5.5 V unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Output voltage
VO
VDD
V
IO = 0
Differential Output Voltage(2)
|VOD1|
VDD
V
IO = 0
Differential Output Voltage(2)
VOD3
1.5
2.3
5
V
RL = 54 Ω, VDD = 4.5 V
Change in Magnitude of Differential
Output Voltage(3)
Δ|VOD|
±0.01
±0.2
V
RL = 54 Ω or 100 Ω
Common Mode Output Voltage
VOC
3
V
RL = 54 Ω or 100 Ω
Change in Magnitude of Common
Mode Output Voltage(3)
Δ|VOC|
±0.01
±0.2
V
RL = 54 Ω or 100 Ω
Output Current
IO
1
−0.8
mA
Output Disabled,
VO = 12
VO = −7
High Level Input Current
IIH
10
μA
VI = 3.5 V
Low Level Input Current
IIL
−10
μA
VI = 0.4 V
Absolute |Short-circuit Output Current|
IOS
250
mA
−7 V < VO < 12 V
Supply Current
VDD1 = 5 V
VDD1 = 3.3 V
IDD1
IDD1
4
3
6
4
mA
No Load
(Outputs Enabled)
Receiver Section
Electrical Specifications (Tmin to Tmax and VDD = 4.5 V to 5.5 V unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Positive-going Input Threshold
Voltage
VIT+
0.2
V
−7 V < VCM < 12 V
Negative-going Input Threshold
Voltage
VIT−
−0.2
V
−7 V < VCM < 12 V
Hysteresis Voltage (VIT+ − VIT−)
VHYS
70
mV
VCM = 0 V, T = 25°C
High Level Digital Output Voltage
VOH
VDD – 0.2
VDD
V
VID = 200 mV
IOH = −20 μA
Low Level Digital Output Voltage
VOL
0.2
V
VID = −200 mV
IOH = 20 μA
High-Impedance-State Output Current
IOZ
±1
μA
VO = 0.4 to (VDD2−0.5) V
Line Input Current(8)
II
1
mA
VI = 12 V
−0.8
mA
VI = −7 V
Input Resistance
RI
12
kΩ
Supply Current
IDD2
5
16
mA
No load; Outputs
Enabled; VDD2X
connected to VDD2I if
applicable
Power Consumption
Tmin to Tmax and VDD2 = 5 V unless otherwise stated
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Controller-Side
Quiescent Current
VDD1 = 3.3 V
VDD1 = 5 V
IDD1
3
4
4
6
mA
fIN = 0 Hz
Bus-Side Quiescent Supply Current
IDD2
5
16
mA
Outputs Enabled;
RT = ∞; fIN = 0 Hz ;
VDD2Xconnected to VDD2I
if applicable
Controller-Side Dynamic Supply Current
IDD1
0.22
mA/Mbps
VDD1 = 3.3 V
Bus-Side Dynamic Supply Current
ΔIDD2/ΔfIN
1
RT = ∞
0.8
RT = 60 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com