Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL3085 Datasheet(PDF) 12 Page - NVE Corporation

Part # IL3085
Description  Low-Cost Isolated RS-485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3085 Datasheet(HTML) 12 Page - NVE Corporation

Back Button IL3085 Datasheet HTML 8Page - NVE Corporation IL3085 Datasheet HTML 9Page - NVE Corporation IL3085 Datasheet HTML 10Page - NVE Corporation IL3085 Datasheet HTML 11Page - NVE Corporation IL3085 Datasheet HTML 12Page - NVE Corporation IL3085 Datasheet HTML 13Page - NVE Corporation IL3085 Datasheet HTML 14Page - NVE Corporation IL3085 Datasheet HTML 15Page - NVE Corporation IL3085 Datasheet HTML 16Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
IL3085
12
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Fail-Safe Biasing
R
B
V
DD
GND
A
5
V
Fail-Safe
RT
Loading
Operation?
None
Four unit loads (12 kΩ ea.)
238 mV
Yes
120 Ω
Four unit loads (12 kΩ ea.)
5 mV
No
560 Ω
120 Ω
Four unit loads (12 kΩ ea.)
254 mV
Yes
510 Ω
120 Ω
32 unit loads (12 kΩ ea.)
247 mV
Yes
Nominal VA-B
(inactive)
RFS-EXT
Internal Only
Internal Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com