Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2003CP Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # CS2003CP
Description  Seven-channel Darlington tube driver circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CS2003CP Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  CS2003CP Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 4Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 6Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3. Electrical characteristics
(Output on)
ÿ
SOP16
scope
The duty cycle is
ÿ
Tamb=85ÿ
Output holding voltage VCE (SUS)
V
mA
50ÿ
Operating temperature range
Storage temperature
2.8
V
3.1 ÿLimit parameters
0
Input voltage VIN Input
voltage
50
0.54/0.625 (Note)
3.2 Recommended conditions of use
Tj=120ÿ
-40ÿ85
Tamb=-40ÿ85ÿ
0
Input voltage
(output off)
Clamp diode
reverse
voltage Clamp
diode
forward current Power loss PD
10ÿ
-0.5ÿ50
IOUT =400mA
hFE =800
Tamb=85ÿÿNoteÿ
mA/ch
50
ÿ
Tpw=25ms
24
ÿ 350 mA
Unless otherwise specified, Tamb = 25°C
50
mA
0
V
ÿ
-55ÿ150
Specifications
Min. Typ. Max.
ÿ 370
0
500
The duty cycle is
IN
Note: Mounted on 30mm x 30mm x 1.6mm 50% copper epoxy board.
Conditions of Use
0
ÿ
ÿ
500
7 channels
V
ÿ
Parameter Symbol Continuous output
voltage VCE (SUS) Output current
V
DIP16
24
Power loss
-
V
ÿ
Parameter name symbol
unit
Output current IOUT
0.7 V
-0.5ÿ30
V
unit
ÿ 130
Tamb=85ÿ
1.47
ÿ
ÿ 0.76 W
Version: 2007-11-A
Page 2 of 9
CS2003CP
Bipolar Circuit
Wuxi China Resources Semiconductor Microelectronics Co., Ltd.
Topr
Tstg
Note: Mounted on 30mm x 30mm x 1.6mm 50% copper epoxy board.
VIN (ON)
PD
IOUT
Input voltage VIN Clamp diode reverse
voltage VR Clamp diode forward current IF
WIN (OFF)
VR
IF
Machine Translated by Google



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com