Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2003CP Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # CS2003CP
Description  Seven-channel Darlington tube driver circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CS2003CP Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  CS2003CP Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 4Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 6Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
300
400
60 40
0
100
40
100
1
0
200
0
1.5
0
2
100
12
20
200
500
0
0
200
400
100
60 40 80
300
100
80
8
400
0
0
300 200
20
400
600
1.0
2.0
100
0
600
0
300
2 45 3
400 500
0
500
0.5
10
200
Wine
Input voltageVin (V)
Duty cycle (%)
20 30 Input
voltage Vin (V)
Iout-duty cycle
Wine
Duty cycle (%)
Iout-duty cycle
Iout-Iin
Input current Iin (uA)
Saturation voltage drop Vce(sat) (V)
Iout-Vce(sat)
4
Note 1: Pulse width is 50us, duty cycle is 10%, output impedance is 50ÿ, trÿ5ns, tfÿ10ns. Note 2:
Resistance is 0, input voltage is 3V. Note 3:
CL includes the capacitance on the probe and fixture
5
Ta=25ÿ
4
(DIP16)
200mA
7
Type
n=1
Iout=100mA
2
(DIP16)
Type
3
Ta=75ÿ 25ÿ -30ÿ
Recommended limit parameters
7 6
4
5
Min
Ta=85ÿ
6
25ÿMax
n is the channel
n=1
2
300mA
3
Vce=2V
Ta=25ÿ
Max
n is the channel
5. Characteristic curve
Version: 2007-11-A
Wuxi China Resources Semiconductor Microelectronics Co., Ltd.
CS2003CP
Bipolar Circuit
Page 5 of 9
Machine Translated by Google



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com