Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2003CP Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # CS2003CP
Description  Seven-channel Darlington tube driver circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CS2003CP Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  CS2003CP Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 4Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 6Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
-
VOUT=50V
1.6
VCE=50VÿTaMB=85ÿ -
1000
2.6
-
-
-
IOUT=350mA
IOUT=350mA - hFE=800
IOUT=200mA -
ÿA 6
-
Saturation voltage drop
100
-
-
IIN=350ÿA
Unless otherwise specified, Tamb = 25°C
IOUT=350mA
ÿs
-
In 2
-
Output sink current ICEX
-
IOUT=500ÿA
-
RL=125ÿÿCL=15pF
2
picture
-
2.0
15
IIN=500ÿA
unit
-
-
Parameter name symbol
VIN=2.4V
IOUT=100mA
50
IF=350mA
Turn off delay time tOFF
2.0 V 7
0.2
ÿA 1
0.9
Tamb=85ÿ
-
Turn on delay time tON
Number
-
Collector, Emitter
50
pF ÿ
DC Current
Transfer
Ratio Input
Current
(Output On)
Input Current
(Output Off)
Input Voltage
(Output On)
Clamping
Diode Reverse
Current
Clamping Diode Forward Voltage Input Capacitance CIN
VR=50VÿTamb=25ÿ
-
-
1.1
50
0.4
VOUT=50V
Specifications
Min. Typ. Max.
IOUT=350mA
IIN=250ÿA
65
VCE=50VÿTaMB=25ÿ -
1.3
- ÿA 4
-
-
1.1
-
VCE=2V
0.1
Test conditions
IOUT=200mA
3.3 Electrical characteristics
VCE=2V
VR=50VÿTamb=85ÿ
-
8
1.3
100
0.7 mA 3
In the 5th
RL=125ÿÿCL=15pF
Version: 2007-11-A
Page 3 of 9
CS2003CP
Bipolar Circuit
Wuxi China Resources Semiconductor Microelectronics Co., Ltd.
IN(ON)
AND
hFE
VCE (sat)
IIN(OFF)
VIN(ON)
VF
Machine Translated by Google



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com