Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2003CP Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # CS2003CP
Description  Seven-channel Darlington tube driver circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CS2003CP Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  CS2003CP Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 4Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 6Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
open circuit
open circuit
open circuit
open circuit
open circuit
open circuit
open circuit
open circuit
open circuit
open circuit
open circuit
open circuit
ICEX
IOUT
AND
IN(ON)
THIS,
(Note 2)
VR
IIN(OFF)
VF
IF
VCE
VCE IOUT
VOUT
VF
AND
VIN(ON)
8. tON, tOFF
IIN
hFE
t
0
IN(ON)
(Note 1)
IIN(OFF)
VCE(sat)
VCE
t r
CL
COME
OUT
ICEX
RL
(Note 3)
VIN(ON)
IN
OUT
enter
Output
COME
enter
f
Output
GIVE DOWN ATO R
PU LSE
4. Test circuit
50%
10%
90%
tOFF
50%
10%
90%
HIV
VOH
50%
VOL
50%
tON
2.
V
CE(village)ÿ V
V
=15pF
6.
uA
uA
hFE =
V
4.
3.
7.
mA
I
1.
uA
V
5.
I
I
CS2003CP
Wuxi China Resources Semiconductor Microelectronics Co., Ltd.
Version: 2007-11-A
Bipolar Circuit
Page 4 of 9
Machine Translated by Google



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com