Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2003CP Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # CS2003CP
Description  Seven-channel Darlington tube driver circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CS2003CP Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  CS2003CP Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 4Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 6Page - Tiger Electronic Co.,Ltd CS2003CP Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1. Overview
2. Functional block diagram and pin description
Seven-channel Darlington tube driver circuit
• The maximum current sink of a single channel can reach 500mA
8 GND
3 IN3
• Package type: DIP16 / SOP16
11 OUT6
16 OUT1
Input 1
Input 2
Input 3
Input 4
Input 5
Input 6
Input 7
Ground
IN1
9 WITH
13 OUT4
CS2003CP is a high voltage, high current Darlington transistor array driver circuit, which contains seven groups of NPN Darlington transistors.
5 IN5
2.1 Functional block diagram
Output 4
Output 6
Output 2
15 OUT2
2. 2. Pin Description
Lighting equipment and LED display systems. Its features are as follows:
7 IN7
Function pin symbol
1
• Continuous output high voltage can reach minimum 50V
Function
10 OUT7
• Integrated clamping diode at output
2 IN2
Common
output 7
4 IN4
12 OUT5
Output 5
6 IN6
The emitters of each group of Darlington tubes are connected together, and the collectors are open circuit output. Mainly used to drive relays, electric bell hammers,
14 OUT3
• Under 5V working condition, the output terminal can be directly connected to TTL and CMOS
Output 3
Output 1
Pin Symbols
Wuxi China Resources Semiconductor Microelectronics Co., Ltd.
Version: 2007-11-A
Page 1 of 9
Bipolar Circuit
12
10
11
9
14
13
15
16
12 34 56 7
8
CS2003CP
TIGER ELECTRONIC CO.,LTD
Machine Translated by Google


Similar Part No. - CS2003CP

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
65nm CMOS Technology
CS200 FUJITSU-CS200 Datasheet
983Kb / 2P
65nm CMOS Standard Cell
logo
Cirrus Logic
CS2000 CIRRUS-CS2000 Datasheet
980Kb / 1P
New Clocking Family Offers System Flexibility, Lower Cost, and Easier System Design
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
301Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
More results

Similar Description - CS2003CP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2011 NTE-NTE2011 Datasheet
23Kb / 3P
Integrated Circuit 7-Channel Darlington Array/Driver
NTE2016 NTE-NTE2016 Datasheet
24Kb / 3P
Integrated Circuit 8-Channel Darlington Array/Driver
logo
STMicroelectronics
ULN2001A-ULN2002A STMICROELECTRONICS-ULN2001A-ULN2002A Datasheet
62Kb / 8P
SEVEN DARLINGTON ARRAYS
Sep-1998
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
SEVEN DARLINGTON ARRAYS
ULN200X STMICROELECTRONICS-ULN200X Datasheet
75Kb / 8P
SEVEN DARLINGTON ARRAYS
Dec-1997
ULN200XA STMICROELECTRONICS-ULN200XA Datasheet
163Kb / 14P
Seven darlington array
05-Dec-2006
ULN200XA STMICROELECTRONICS-ULN200XA_07 Datasheet
605Kb / 14P
Seven darlington array
28-Aug-2007
logo
Silicon Standard Corp.
SS62003 SSC-SS62003 Datasheet
193Kb / 5P
Seven-Channel Darlington Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com