Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA538 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STA538
Description  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STA538 Datasheet HTML 51Page - STMicroelectronics STA538 Datasheet HTML 52Page - STMicroelectronics STA538 Datasheet HTML 53Page - STMicroelectronics STA538 Datasheet HTML 54Page - STMicroelectronics STA538 Datasheet HTML 55Page - STMicroelectronics STA538 Datasheet HTML 56Page - STMicroelectronics STA538 Datasheet HTML 57Page - STMicroelectronics STA538 Datasheet HTML 58Page - STMicroelectronics STA538 Datasheet HTML 59Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
STA538
Package information
55/59
Table 21 gives the package dimensions.
Table 21.
Package dimensions (TFBGA48)
Databook mm
Reference
Min
Typical
Max
A
1.20
A1
0.15
A2
0.785
A3
0.20
A4
0.60
b
0.25
0.30
0.35
D
4.85
5.00
5.15
D1
3.50
E
4.85
5.00
5.15
E1
3.50
e0.50
F0.75
ddd
0.08
eee
0.15
fff
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com