Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA538 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA538
Description  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA538 Datasheet HTML 3Page - STMicroelectronics STA538 Datasheet HTML 4Page - STMicroelectronics STA538 Datasheet HTML 5Page - STMicroelectronics STA538 Datasheet HTML 6Page - STMicroelectronics STA538 Datasheet HTML 7Page - STMicroelectronics STA538 Datasheet HTML 8Page - STMicroelectronics STA538 Datasheet HTML 9Page - STMicroelectronics STA538 Datasheet HTML 10Page - STMicroelectronics STA538 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
STA538
Connection diagrams and pin descriptions
7/59
2.1.2
Pin description
Table 1.
Package: TFBGA48
Pin #
Name
Type
Description
D7
RST_N
Digital input
Reset (active low)
D1
XTI
Digital input
Crystal input or master clock input
E1
MCLK33
Digital input
Master clock input 3.3 V capable
XTI: crystal input or master clock input 3.3 V capable
G3
SELCLK33
Digital input
Master clock input selector:
SELCLK33 = 1 -> MCLK33 selected
SELCLK33 = 0 -> XTI selected
D2
XTO
Digital output
Crystal output
C7
CLKOUT/
PWM2B
Digital output
Buffered clock output / PWM2B FFXTm
F1
SCL
Digital input
I2C serial clock
G1
SDA
Digital
input/output
I2C serial data
G2
I2CDIS
Digital input
I2C disable pin (active high)
G8
STBY
Digital input
Standby (active high)
B7
MUTE
Digital input
Mute (active high)
H6
BICLKI
Digital
input/output
Input serial audio interface bit-clock
H5
LRCLKI
Digital
input/output
Input serial audio interface L/R-clock
E2
SDATAI
Digital input
Input serial audio interface data
G6
BICLKO/
PWM1A
Digital
input/output
Output serial audio interface bit-clock
(volume DOWN when I2CDIS = 1) / PWM1A FFXTm
G5
LRCLKO/
PWM1B
Digital
input/output
Output serial audio interface L/R-clock
(volume UP when I2CDIS = 1) / PWM1B FFXTm
G4
SDATAO/
PWM2A
Digital output
Output serial audio interface data / PWM2A FFXTm
H2
TM
Digital input
Test mode (active high)
H7
INL
Analog input
ADC left channel line input or microphone input
H8
INR
Analog
input/output
ADC right channel line input
G7
VBIAS
Analog
input/output
ADC microphone bias voltage
D8
VCM
Analog
input/output
ADC common mode voltage
F8
AVDD
Supply
ADC analog supply
E8
AGND
Ground
ADC analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com