Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA538 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA538
Description  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA538 Datasheet HTML 4Page - STMicroelectronics STA538 Datasheet HTML 5Page - STMicroelectronics STA538 Datasheet HTML 6Page - STMicroelectronics STA538 Datasheet HTML 7Page - STMicroelectronics STA538 Datasheet HTML 8Page - STMicroelectronics STA538 Datasheet HTML 9Page - STMicroelectronics STA538 Datasheet HTML 10Page - STMicroelectronics STA538 Datasheet HTML 11Page - STMicroelectronics STA538 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Connection diagrams and pin descriptions
STA538
8/59
2.1.3
Thermal data
Table 2 gives the thermal resistance specifications for the TFBGA48 and the VFQFPN52.
F7
VHI
Analog input
ADC high reference voltage
E7
VLO
Analog input
ADC low reference voltage
H1
FILT
Analog
input/output
PLL loop filter terminal
H4
VDDPLL
Supply
PLL analog supply
H3
GNDPLL
Ground
PLL analog ground
A6
OUT1A
Analog output
Channel 1 half-bridge A output
B6
OUT1A
Analog output
Channel 1 half-bridge A output
A5
OUT1B
Analog output
Channel 1 half-bridge B output
B5
OUT1B
Analog output
Channel 1 half-bridge B output
A3
OUT2A
Analog output
Channel 2 half-bridge A output
B3
OUT2A
Analog output
Channel 2 half-bridge A output
A4
OUT2B
Analog output
Channel 2 half-bridge B output
B4
OUT2B
Analog output
Channel 2 half-bridge B output
F2
POWERFAULT/
EADP
Digital output
Power fault signal (active high) /
external audio power-down signal
A8
VCC1
Supply
Channel 1 power supply
A1
VCC2
Supply
Channel 2 power supply
A7
GND1
Ground
Channel 1 power ground
A2
GND2
Ground
Channel 2 power ground
C2
VCC33
Supply
Pre-driver supply
B2
GND33
Ground
Pre-driver ground
C8
VDD
Supply
Digital supply
B8
GND
Ground
Digital ground
C1
VDDIO
Supply
I/O ring supply
B1
GNDIO
Ground
I/O ring ground
Table 1.
Package: TFBGA48 (continued)
Pin #
Name
Type
Description
Table 2.
Thermal data
Device
Parameter
Min
Typ
Max
Unit
TFBGA48
Thermal resistance junction to ambient
72
oC/W
VFQFPN52
Thermal resistance junction to ambient
22
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com