Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA538 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA538
Description  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA538 Datasheet HTML 9Page - STMicroelectronics STA538 Datasheet HTML 10Page - STMicroelectronics STA538 Datasheet HTML 11Page - STMicroelectronics STA538 Datasheet HTML 12Page - STMicroelectronics STA538 Datasheet HTML 13Page - STMicroelectronics STA538 Datasheet HTML 14Page - STMicroelectronics STA538 Datasheet HTML 15Page - STMicroelectronics STA538 Datasheet HTML 16Page - STMicroelectronics STA538 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
STA538
Electrical specifications
13/59
3.2
Electrical characteristics
Table 6 lists the device’s electrical characteristics (see also Table 5 for supply voltages).
Note:
LRCLKI frequency (Fs) = 48 kHz, input frequency = 1 kHz, and Rload = 32 Ω unless
otherwise specified.
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Eff
Output power efficiency
90
%
Rdson
Output stage N/PMOS on-
resistance
250
m
Ω
IstbyL
Logic power supply current at
standby
1.3
µA
IstbyP
Bridges power supply current in
standby
0.7
µA
IddL
Logic power supply current at
operating
15
mA
IddP
Bridges power supply current at
operating
0.5
mA
Tds
Low current dead time (static)
1
ns
Tdd
High current dead time
(dynamic)
2.5
ns
Tr
Rise time
3
ns
Tf
Fall time
3
ns
DNR
Dynamic range
A-weighted
Speaker mode
96
dB
SNR
Signal-to-noise ratio (A-
weighted)
Speaker mode
92
dB
THDN
Total harmonic distortion
0 dBFS input, 8
Ω load
speaker
0.1
%
THDN
Total harmonic distortion
-6 dBFS input, 8
Ω load
speaker
0.05
%
THDN
Total harmonic distortion
0 dBFS input, 32
Ω load
headphone
0.1
%
THDN
Total harmonic distortion
-6 dBFS input, 32
Ω load
headphone
0.05
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com