Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA538 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA538
Description  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA538 Datasheet HTML 11Page - STMicroelectronics STA538 Datasheet HTML 12Page - STMicroelectronics STA538 Datasheet HTML 13Page - STMicroelectronics STA538 Datasheet HTML 14Page - STMicroelectronics STA538 Datasheet HTML 15Page - STMicroelectronics STA538 Datasheet HTML 16Page - STMicroelectronics STA538 Datasheet HTML 17Page - STMicroelectronics STA538 Datasheet HTML 18Page - STMicroelectronics STA538 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
STA538
Electrical specifications
15/59
3.4
ADC performance values
Table 11.
Programmable gain performance
Parameter
Min
Typ
Max
Unit
Dynamic range 1 kHz 3.3 V supply
dB
Dynamic range 1 kHz 1.8 V supply
dB
Dynamic range 1 kHz 3.3 V supply A-weighted
92
dB
Dynamic range 1 kHz 1.8 V supply A-weighted
84
dB
SNDR 1 kHz 3.3 V supply
dB
SNDR 1 kHz 1.8 V supply
dB
SNDR 1 kHz 3.3 V supply A-weighted
92
dB
SNDR 1 kHz 1.8 V supply A-weighted
84
dB
THD 1 kHz (-1 dB input) 1.8 V supply
75
dB
THD 1 kHz (-1 dB input) 3.3 V supply
85
dB
Deviation from linear phase
degree
Pass band
kHz
Pass band ripple
dB
Stop band
kHz
Stop band attenuation
dB
Group delay 8 kHz
ms
Group delay 48 kHz
ms
Cross talk 1.8 V
dB
Cross talk 3.3 V
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com