Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP1243 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP1243
Description  Copiers, Printers and Fax Machines Air-conditioners Game Machines
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1243 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP1243 Datasheet HTML 1Page - Toshiba Semiconductor TLP1243 Datasheet HTML 2Page - Toshiba Semiconductor TLP1243 Datasheet HTML 3Page - Toshiba Semiconductor TLP1243 Datasheet HTML 4Page - Toshiba Semiconductor TLP1243 Datasheet HTML 5Page - Toshiba Semiconductor TLP1243 Datasheet HTML 6Page - Toshiba Semiconductor TLP1243 Datasheet HTML 7Page - Toshiba Semiconductor TLP1243 Datasheet HTML 8Page - Toshiba Semiconductor TLP1243 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP1243(C8)
2007-10-01
4
Package Dimensions:
TOSHIBA 11-15G1
Weight: 0.8 g (typ.)
Pin Connection
Unit: mm
Tolerances are listed below unless
otherwise specified.
Dimensions
Tolerance
6 mm or less
±0.1
Greater than 6 mm
±0.2
3. Anode
1. Collector
2. Cathode, Emitter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com