Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP1243 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP1243
Description  Copiers, Printers and Fax Machines Air-conditioners Game Machines
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1243 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP1243 Datasheet HTML 1Page - Toshiba Semiconductor TLP1243 Datasheet HTML 2Page - Toshiba Semiconductor TLP1243 Datasheet HTML 3Page - Toshiba Semiconductor TLP1243 Datasheet HTML 4Page - Toshiba Semiconductor TLP1243 Datasheet HTML 5Page - Toshiba Semiconductor TLP1243 Datasheet HTML 6Page - Toshiba Semiconductor TLP1243 Datasheet HTML 7Page - Toshiba Semiconductor TLP1243 Datasheet HTML 8Page - Toshiba Semiconductor TLP1243 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP1243(C8)
2007-10-01
1
TOSHIBA Photo-interrupter Infrared LED + Phototransistor
TLP1243(C8)
Copiers, Printers and Fax Machines
Air-conditioners
Game Machines
The TLP1243 (C8) is a compact photointerrupter with a
built-in connector that uses a GaAs infrared LED and an Si
phototransistor.
• Small package
Compared to Toshiba’s TLP1241 (C5), the volume and the
mounting area of the TLP1243 (C8) are reduced to
approximately 70% and 75% respectively.
• Three board thicknesses supported: 1.0 mm, 1.2 mm and
1.6 mm
• Gap: 5 mm
• Resolution: Slit width = 0.7 mm
• High-temperature operation: Topr = 95°C (max)
• Current transfer ratio: IC/IF = 2.5% (min)
• Mini CT connector (1.5-mm pitch, receptacle
assembly/housing crimp type) made by Tyco Electronics
AMP, Ltd.
• Package and connector material: Polycarbonate (UL94V-2)
• Lead(Pb)-Free
Marking
TOSHIBA
11-15G1
Weight: 0.8 g (typ.)
Product No.
Monthly lot number
Month of manufacture
(January to December, denoted by the letters A to L respectively)
Year of manufacture (the last digit of the calendar year)
Connector classification


Similar Part No. - TLP1243

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1243 TOSHIBA-TLP1243 Datasheet
243Kb / 9P
Photo-interrupter Infrared LEDPhototransistor
More results

Similar Description - TLP1243

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN119 TOSHIBA-TLN119 Datasheet
224Kb / 5P
PRINTERS,FAX MACHINES FLOPPY DISK DRIVE HOME ELECTRIC EQUIPMENT.
TLP833 TOSHIBA-TLP833 Datasheet
363Kb / 8P
COPIERS, PRINTERS, FAX MACHINES VCRS, MICROWAVE OVENS, AIR CONDITIONERS
TLP1255 TOSHIBA-TLP1255 Datasheet
192Kb / 7P
Copiers, Printers and Fax Machines Air Conditioners Game Machines
TLP833 TOSHIBA-TLP833_07 Datasheet
243Kb / 8P
Copiers, Printers, Fax Machines
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
2048-elements, for optical character reader(OCR) and fax machines
logo
Lumberg
CAS LUMBERG-CAS Datasheet
371Kb / 3P
Tools and harnessing machines
CAS31-03 LUMBERG-CAS31-03 Datasheet
387Kb / 3P
Tools and harnessing machines
CM03-01-0364 LUMBERG-CM03-01-0364 Datasheet
374Kb / 3P
Tools and harnessing machines
CM03-03-0364 LUMBERG-CM03-03-0364 Datasheet
374Kb / 3P
Tools and harnessing machines
logo
Shenzhen Huazhimei Semi...
HM8563 HMSEMI-HM8563 Datasheet
914Kb / 22P
OA equipments such as Fax machines
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com