Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP1243 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP1243
Description  Copiers, Printers and Fax Machines Air-conditioners Game Machines
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1243 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP1243 Datasheet HTML 1Page - Toshiba Semiconductor TLP1243 Datasheet HTML 2Page - Toshiba Semiconductor TLP1243 Datasheet HTML 3Page - Toshiba Semiconductor TLP1243 Datasheet HTML 4Page - Toshiba Semiconductor TLP1243 Datasheet HTML 5Page - Toshiba Semiconductor TLP1243 Datasheet HTML 6Page - Toshiba Semiconductor TLP1243 Datasheet HTML 7Page - Toshiba Semiconductor TLP1243 Datasheet HTML 8Page - Toshiba Semiconductor TLP1243 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP1243(C8)
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
30
mA
Forward current derating
(Ta>25°C)
ΔIF/°C
−0.28
mA/°C
Reverse voltage
VR
5
V
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
5
V
Collector power dissipation
PC
75
mW
Collector power dissipation
derating
(Ta>25℃)
ΔPC/°C
−1
mW/°C
Collector current
IC
50
mA
Operating temperature range
Topr
−30 to 95
°C
Storage temperature range
Tstg
−40 to 100
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Optical and Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test conditions
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.00
1.18
1.40
V
Reverse current
IR
VR = 5 V
⎯
⎯
10
μA
Peak emission wavelength
λP
IF = 10 mA
⎯
940
⎯
nm
Dark current
ID (ICEO)
VCE = 24 V, IF = 0
⎯
0.001
0.1
μA
Peak sensitivity wavelength
λP
⎯
⎯
870
⎯
nm
Current transfer ratio
IC/IF
VCE = 2 V, IF = 10 mA
2.5
⎯
100
%
Collector-emitter saturation
voltage
VCE (sat)
IF = 20 mA, IC = 0.25 mA
⎯
0.1
0.35
V
Rise time
tr
⎯
15
50
Fall time
tf
VCE = 5 V, IC = 1 mA, RL = 1 kΩ
⎯
15
50
μs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com