Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP1243 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP1243
Description  Copiers, Printers and Fax Machines Air-conditioners Game Machines
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1243 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP1243 Datasheet HTML 1Page - Toshiba Semiconductor TLP1243 Datasheet HTML 2Page - Toshiba Semiconductor TLP1243 Datasheet HTML 3Page - Toshiba Semiconductor TLP1243 Datasheet HTML 4Page - Toshiba Semiconductor TLP1243 Datasheet HTML 5Page - Toshiba Semiconductor TLP1243 Datasheet HTML 6Page - Toshiba Semiconductor TLP1243 Datasheet HTML 7Page - Toshiba Semiconductor TLP1243 Datasheet HTML 8Page - Toshiba Semiconductor TLP1243 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP1243(C8)
2007-10-01
3
Recommended Connector
Mini CT connector (1.5-mm pitch, receptacle assembly/housing crimp type) made by
Tyco Electronics AMP, Ltd.
Type
Model Number
Terminal Material
AWG Size
External Diameter of
Insulation Coating
Receptacle
assembly
353293-3
Housing-Terminal
En Block Type
Housing crimp type
353908-3
Phosphor bronze
AWG26 to 28
0.85 mm to 0.95 mm
Note:
For further details of connector characteristics, please contact the relevant connector manufacturer.
Precautions
• Protect the device from ambient light interference. The integrated phototransistor is insensitive to light below
700 nm (e.g., fluorescent light), but is sensitive to light above 700 nm (e.g., incandescent light). If it detects
ambient light, it may cause malfunction. Be sure to make a thorough evaluation of the equipment in which the
device is to be used.
• Care must be taken regarding the environment in which the device is to be installed. Oil or chemicals may
cause the package to melt or crack.
• When attaching the device to the metal board, always hold the body of the device. Do not hold the device by the
connector. Ensure that the board is flat, and not warped or twisted. Attach the device to the metal board at
room temperature.
• Toshiba recommends attaching the device to the smoother side of the board.
• Toshiba recommends testing the attachment strength beforehand by actually attaching a device to the board.
• Do not apply solder to the pins of the device's connector. Make sure that the connector is plugged into the Mini
CT connector or equivalent connector.
• When inserting or removing the Mini CT connector or equivalent connector, always grasp it and its cable firmly
and either plug it straight into or pull it straight out of the device's connector. If the Mini CT connector or
equivalent connector is inserted or removed at an angle, both the device's connector and the Mini CT connector
or equivalent connector may get damaged, resulting in an unreliable connection.
• Conversion efficiency decreases over time due to current flow in the infrared LED. When designing a circuit,
take into account this change in conversion efficiency over time. The ratio of fluctuation in conversion efficiency
to fluctuation in infrared LED optical output is 1:1:
• The leadframe of the package is exposed as shown below. Ensure that no conductive material or object (such as
a metal pin) comes into contact with the leads of the leadframe and shorts them together. Care must be taken
when designing a chassis.
IC/IF (t)
IC/IF (0)
=
Po (t)
Po (0)
Top View
(1)
(2)
(3)
(4)
(5)
Connector
Leads (1) to (5) of the leadframe shown
on the left must not be shorted together.
.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com