Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP1243 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP1243
Description  Copiers, Printers and Fax Machines Air-conditioners Game Machines
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1243 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP1243 Datasheet HTML 1Page - Toshiba Semiconductor TLP1243 Datasheet HTML 2Page - Toshiba Semiconductor TLP1243 Datasheet HTML 3Page - Toshiba Semiconductor TLP1243 Datasheet HTML 4Page - Toshiba Semiconductor TLP1243 Datasheet HTML 5Page - Toshiba Semiconductor TLP1243 Datasheet HTML 6Page - Toshiba Semiconductor TLP1243 Datasheet HTML 7Page - Toshiba Semiconductor TLP1243 Datasheet HTML 8Page - Toshiba Semiconductor TLP1243 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP1243(C8)
2007-10-01
7
Detection position
characteristics (1)
(typ.)
0
0.2
0.4
0.6
0.8
1
1.2
−3
−2
−1
0
1
3
4
2
IF = 10 mA
VCE = 2 V
Ta
= 25°C
Detection position
d
= 0 ± 0.4 mm
0
+
−
d
Shutter
3
10
30
100
300
1000
3000
1
3
10
30
100
300
Ta
= 25°C
IF = 20 mA
VCC = 5 V
VOUT ≥ 4.65 V
tf
ts
tr
td
Switching characteristics
(non-saturated operation)
(typ.)
Load resistance RL (kΩ)
Load resistance RL (kΩ)
Switching characteristics
(saturated operation)
(typ.)
Distance d (mm)
Distance d (mm)
Detection position
characteristics (2)
(typ.)
IF = 10 mA
VCE = 2 V
Ta
= 25°C
Detection position
d
= 9.6
mm
d
Shutter
1.2 mm Metal
board thickness
+ 1.9
− 0.9
0
0.2
0.4
0.6
0.8
1
1.2
14
7
8
9
10
11
13
12
tr, tf
td
ts
0.3
0.1
0.3
1
3
10
1
3
10
30
100
Ta
= 25°C
VCC = 5 V
VOUT = 1 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com