Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP751 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP751
Description  GaA?밃s Ired Photo IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP751 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP751 Datasheet HTML 1Page - Toshiba Semiconductor TLP751 Datasheet HTML 2Page - Toshiba Semiconductor TLP751 Datasheet HTML 3Page - Toshiba Semiconductor TLP751 Datasheet HTML 4Page - Toshiba Semiconductor TLP751 Datasheet HTML 5Page - Toshiba Semiconductor TLP751 Datasheet HTML 6Page - Toshiba Semiconductor TLP751 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP751
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired + Photo IC
TLP751
Digital Logic Ground Isolation
Line Receiver
Microprocessor System Interfaces
Switching Power Supply Feedback Control
Analog Signal Isolation
The TOSHIBA TLP751 consists of GaAℓAs high−output light
emitting diode and a high speed detector of one chip photo diode−
transistor. This unit is 8−lead DIP.
TLP751 has internal base connection. This base pin should be used for
analog application or enable operation. If base pin is open, output signal
will be noisy by environmental condition. For this case, TLP750 is
suitable.
• Switching speed: tpHL = 0.3μs (typ.)
tpLH = 0.5μs (typ.)(RL=1.9kΩ)
• TTL compatible
• UL recognized: UL1577, file no. E67349
• BSI approved: BS EN60065: 2002,
Certificate no. 8869
BS EN60950-1: 2002,
Certificate no. 8870
• Isolation voltage: 5000Vrms(min.)
• Option(D4)type
VDE approved: DIN EN 60747-5-2,
Certificate no. 40009302
Maximum operating insulation voltage: 890VPK
Highest permissible over voltage: 8000VPK
(Note)
When a EN 60747-5-2 approved type is needed,
please designate the “Option(D4)”
• Creepage distance: 6.4mm(min.)
Clearance: 6.4mm(min.)
Insulation thickness: 0.4mm(min.)
Pin Configuration(top view)
Schematic
TOSHIBA
11−10C4
Weight: 0.54g
Unit in mm


Similar Part No. - TLP751

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
More results

Similar Description - TLP751

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
GaA?밃s IRED Photo IC
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
GaA?밃s IRED Photo IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
GaA?밃s Ired & Photo-IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com