Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JBT6L77-AS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # JBT6L77-AS
Description  Source Driver for TFT LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JBT6L77-AS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  JBT6L77-AS Datasheet HTML 1Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 2Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 3Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 4Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 5Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 6Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 7Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 8Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
JBT6L77-AS
2001-12-18
4
PAD Coordinates
Chip size: 13.28 ´ 1.56 (mm)
Number of PAD: 396
[Unit:
mm]
No.
Name
X Point
Y Point
No.
Name
X Point
Y Point
No.
Name
X Point
Y Point
1
AVDD
-6307.5
-606
39
U/D
-2495.0
-606
77
DB4
1135.0
-606
2
AVDD
-6212.5
-606
40
DO/I
-2335.0
-606
78
DB3
1295.0
-606
3
AVDD
-6117.5
-606
41
DO/I
-2265.0
-606
79
DB3
1365.0
-606
4
AVDD
-6022.5
-606
42
DO/I
-2195.0
-606
80
DB3
1435.0
-606
5
AVDD
-5927.5
-606
43
LOAD
-2050.0
-606
81
DB2
1595.0
-606
6
AVDD
-5832.5
-606
44
LOAD
-1990.0
-606
82
DB2
1665.0
-606
7
VSS
-5657.5
-606
45
TESTB
-1900.0
-606
83
DB2
1735.0
-606
8
VSS
-5562.5
-606
46
TESTB
-1840.0
-606
84
DB1
1895.0
-606
9
VSS
-5467.5
-606
47
DVDD
-1715.0
-606
85
DB1
1965.0
-606
10
VSS
-5372.5
-606
48
DVDD
-1625.0
-606
86
DB1
2035.0
-606
11
VSS
-5277.5
-606
49
DVDD
-1535.0
-606
87
DB0
2195.0
-606
12
VSS
-5182.5
-606
50
V10
-1260.0
-606
88
DB0
2265.0
-606
13
TEG1
-5035.0
-606
51
V10
-1200.0
-606
89
DB0
2335.0
-606
14
TEG2
-4965.0
-606
52
V9
-1060.0
-606
90
DA5
2495.0
-606
15
TEG3
-4895.0
-606
53
V9
-1000.0
-606
91
DA5
2565.0
-606
16
DC5
-4735.0
-606
54
V8
-910.0
-606
92
DA5
2635.0
-606
17
DC5
-4665.0
-606
55
V8
-850.0
-606
93
DA4
2795.0
-606
18
DC5
-4595.0
-606
56
V7
-710.0
-606
94
DA4
2865.0
-606
19
DC4
-4435.0
-606
57
V7
-650.0
-606
95
DA4
2935.0
-606
20
DC4
-4365.0
-606
58
V6
-560.0
-606
96
DA3
3095.0
-606
21
DC4
-4295.0
-606
59
V6
-500.0
-606
97
DA3
3165.0
-606
22
DC3
-4135.0
-606
60
V5
-360.0
-606
98
DA3
3235.0
-606
23
DC3
-4065.0
-606
61
V5
-300.0
-606
99
DA2
3395.0
-606
24
DC3
-3995.0
-606
62
V4
-210.0
-606
100
DA2
3465.0
-606
25
DC2
-3835.0
-606
63
V4
-150.0
-606
101
DA2
3535.0
-606
26
DC2
-3765.0
-606
64
V3
-10.0
-606
102
DA1
3695.0
-606
27
DC2
-3695.0
-606
65
V3
50.0
-606
103
DA1
3765.0
-606
28
DC1
-3535.0
-606
66
V2
140.0
-606
104
DA1
3835.0
-606
29
DC1
-3465.0
-606
67
V2
200.0
-606
105
DA0
3995.0
-606
30
DC1
-3395.0
-606
68
V1
340.0
-606
106
DA0
4065.0
-606
31
DC0
-3235.0
-606
69
V1
400.0
-606
107
DA0
4135.0
-606
32
DC0
-3165.0
-606
70
V0
490.0
-606
108
DI/O
4295.0
-606
33
DC0
-3095.0
-606
71
V0
550.0
-606
109
DI/O
4365.0
-606
34
CPH
-2935.0
-606
72
DB5
695.0
-606
110
DI/O
4435.0
-606
35
CPH
-2865.0
-606
73
DB5
765.0
-606
111
TEG4
4595.0
-606
36
CPH
-2795.0
-606
74
DB5
835.0
-606
112
TEG5
4665.0
-606
37
U/D
-2635.0
-606
75
DB4
995.0
-606
113
TEG6
4735.0
-606
38
U/D
-2565.0
-606
76
DB4
1065.0
-606
114
TEG7
4895.0
-606



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com