Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JBT6L77-AS Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # JBT6L77-AS
Description  Source Driver for TFT LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JBT6L77-AS Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button JBT6L77-AS Datasheet HTML 5Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 6Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 7Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 8Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 9Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 10Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 11Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 12Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
JBT6L77-AS
2001-12-18
9
Device Operation
(1) Starting data transfer
A high input to the data transfer enable pin (DI/O or DO/I) is latched into the internal logic synchronously
with the rising edge of CPH, setting the device ready to transfer data. Data transfer starts at the next rise of
CPH (see Timing diagram 1 and 2).
(2) Data transfer method
The data is latched in from the grayscale bus to the sampling register synchronously with each rising edge of
CPH.
Grayscale data for three outputs are latched into the device simultaneously in one transfer.
Grayscale data are written as three outputs in parallel during one transfer. Data transfer completes after 80
transfers. Then the device enters Standby mode.
Data written to the sampling register are the operation result of the grayscale data bus.
(3) Terminating data transfer
The data transfer enable pin (DO/I or DI/O) output goes high synchronously with the rising edge of CPH one
clock period before the last data is latched in. It is held high until the next rise of CPH (see Timing diagram
1 and 2).
The output from this pin can be connected directly as input to the data transfer enable pin (DI/O or DO/I) of
the next stage LCD driver. In this way, multiple devices can be easily cascaded to drive a large screen.
(4) Panel drive output
When a high voltage supplies to the load input, the data in the sampling register is transferred to the load
register and the device starts updating output to the LCD panel drive pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com