Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JBT6L77-AS Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # JBT6L77-AS
Description  Source Driver for TFT LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JBT6L77-AS Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button JBT6L77-AS Datasheet HTML 9Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 10Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 11Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 12Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 13Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 14Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 15Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 16Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
JBT6L77-AS
2001-12-18
13
· Grayscale data and output voltages
(Input voltage: V0 = 4.90 V, V10 = 0.10 V)
(*) w = A, B, C
Grayscale Data
Dw5
Dw4
Dw3
Dw2
Dw1
Dw0
Output Voltage
00H
0
0
0
0
0
0
V00H
V0
4.90
01H
0
0
0
0
0
1
V01H
3.90
02H
0
0
0
0
1
0
V02H
3.55
03H
0
0
0
0
1
1
V03H
3.34
04H
0
0
0
1
0
0
V04H
3.20
05H
0
0
0
1
0
1
V05H
3.09
06H
0
0
0
1
1
0
V06H
2.99
07H
0
0
0
1
1
1
V07H
V2
2.91
08H
0
0
1
0
0
0
V08H
2.85
09H
0
0
1
0
0
1
V09H
2.79
0AH
0
0
1
0
1
0
V0AH
2.74
0BH
0
0
1
0
1
1
V0BH
2.70
0CH
0
0
1
1
0
0
V0CH
2.65
0DH
0
0
1
1
0
1
V0DH
2.60
0EH
0
0
1
1
1
0
V0EH
2.57
0FH
0
0
1
1
1
1
V0FH
V3
2.54
10H
0
1
0
0
0
0
V10H
2.50
11H
0
1
0
0
0
1
V11H
2.47
12H
0
1
0
0
1
0
V12H
2.44
13H
0
1
0
0
1
1
V13H
2.41
14H
0
1
0
1
0
0
V14H
2.38
15H
0
1
0
1
0
1
V15H
2.35
16H
0
1
0
1
1
0
V16H
2.33
17H
0
1
0
1
1
1
V17H
V4
2.30
18H
0
1
1
0
0
0
V18H
2.28
19H
0
1
1
0
0
1
V19H
2.26
1AH
0
1
1
0
1
0
V1AH
2.24
1BH
0
1
1
0
1
1
V1BH
2.21
1CH
0
1
1
1
0
0
V1CH
2.19
1DH
0
1
1
1
0
1
V1DH
2.17
1EH
0
1
1
1
1
0
V1EH
2.15
1FH
0
1
1
1
1
1
V1FH
V5
2.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com