Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JBT6L77-AS Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # JBT6L77-AS
Description  Source Driver for TFT LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JBT6L77-AS Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button JBT6L77-AS Datasheet HTML 12Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 13Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 14Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 15Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 16Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 17Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 18Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 19Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 20Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
JBT6L77-AS
2001-12-18
18
AC Characteristics (VSS
==== 0 V, DVDD ==== 2.5 to 3.6 V, AVDD ==== 4.5 V to 5.5 V, Ta ==== ----20 to 75°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
CPH pulse width H
tCWH
¾
¾
4
¾
¾
ns
CPH pulse width L
tCWL
¾
¾
4
¾
¾
ns
Enable setup time
tsDI
¾
¾
4
¾
¾
ns
Enable hold time
thDI
¾
¾
0
¾
¾
ns
Data setup time
tsDD
¾
¾
4
¾
¾
ns
Data hold time
thDD
¾
¾
0
¾
¾
ns
LOAD setup time
tsLD
¾
¾
1
¾
¾
CPH
LOAD hold time
thLD
¾
¾
2
¾
¾
CPH
LOAD pulse width H
tLWH
¾
¾
10
¾
¾
ms
LOAD pulse width L
tLWL
¾
¾
1
¾
¾
ms
Output delay time 1
tpdDO
¾
CL = 15 pF
¾
¾
15
ns
Output delay time 2
tpdDX
¾
CL = 100 pF
¾
¾
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com