Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JBT6L77-AS Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # JBT6L77-AS
Description  Source Driver for TFT LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JBT6L77-AS Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button JBT6L77-AS Datasheet HTML 12Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 13Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 14Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 15Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 16Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 17Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 18Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 19Page - Toshiba Semiconductor JBT6L77-AS Datasheet HTML 20Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
JBT6L77-AS
2001-12-18
17
Electrical Characteristics
DC Characteristics (VSS
==== 0 V, DVDD ==== 2.5 to 3.6 V, AVDD ==== 4.5 V to 5.5 V, Ta ==== ----20 to 75°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Relevant Pin
IILL1
¾
¾
¾
10
(Note 2)
Low level
IILL2
¾
¾
¾
400
TESTB
Input current
High level
IIH
¾
¾
¾
¾
10
mA
(Note 3)
Low level
VIL
¾
0
¾
0.2
´
DVDD
Input voltage
High level
VIH
¾
¾
0.8
´
DVDD
¾
DVDD
V
(Note 4)
Low level
VOL
¾
IOL = 0.1 mA
0
¾
0.5
V
Output voltage
High level
VOH
IOH = -0.1 mA
DVDD
- 0.5
¾
DVDD
DI/O,
DO/I
Output off current
IOFF
(Note 7)
¾
¾
10
Output voltage range
VOUT
¾
¾
0.1
¾
AVDD
- 0.1
mA
VDO1
0.1 <
= Reference analog
voltage <
= 1.2
-40
¾
40
Output voltage deviation
VDO2
¾
1.2
< Reference analog
voltage <
= 4.9
-30
¾
30
mV
SA1 to SA80
SB1 to SB80
SC1 to SC80
During operations
(Note 5)
¾
¾
4
Current consumption (1)
DIDD
¾
When no, operations
(Note 6)
¾
¾
3
mA
DVDD
During operations
(Note 5)
¾
¾
8
When no, operations
(Note 6)
¾
¾
8
mA
Current consumption (2)
AIDD
¾
LOAD
= Low
(Note 7)
¾
¾
100
mA
AVDD
Note 2: DA0 to DA5, DB0 to DB5, DC0 to DC5, DI/O, DO/I, CPH, LOAD, U/D
Note 3: DA0 to DA5, DB0 to DB5, DC0 to DC5, DI/O, DO/I, CPH, LOAD, U/D, TESTB
Note 4: DA0 to DA5, DB0 to DB5, DC0 to DC5, DI/O, DO/I, CPH, LOAD
Note 5: DVDD = 3.6 V, AVDD = 5.5 V, fCPH = 30 MHz, 1H = 100 ms, no load, checkerboard pattern,
LOAD
= 1 ms at low level, typical value
Note 6: AVDD = 5.5 V, fCPH = 30 MHz, 1H = 100 ms, DI/O: Fixed low
Note 7: AVDD = 5.5 V, Standby at LOAD = Low, fCPH = 30 MHz, DI/O: Fixed low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com