Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7622BMP Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV7622BMP
Description  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622BMP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV7622BMP Datasheet HTML 6Page - STMicroelectronics STV7622BMP Datasheet HTML 7Page - STMicroelectronics STV7622BMP Datasheet HTML 8Page - STMicroelectronics STV7622BMP Datasheet HTML 9Page - STMicroelectronics STV7622BMP Datasheet HTML 10Page - STMicroelectronics STV7622BMP Datasheet HTML 11Page - STMicroelectronics STV7622BMP Datasheet HTML 12Page - STMicroelectronics STV7622BMP Datasheet HTML 13Page - STMicroelectronics STV7622BMP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Circuit description
STV7622
10/32
5.5
Differential transmission mode: RSDS (BS1 = L, BS2 = H)
In differential transmission mode, data is transmitted on two wires, one line transmits the
data value, the other the inverted data. The logic level of the data is determined by the
difference between data and inverted data. Two DB inputs are needed for the transmission
of 1 data value. The sampling clocks, CLK1 and CLK2, as well as strobes STB1/ and STB2
are also transmitted differentially. Data is sampled on the rising and falling edges of the
clock.
In differential transmission operating mode, the biasing of the data input bus must be
carefully arranged to reduce static power consumption. In stand-by and non-active modes,
DB1, DB3, DB5, CLK1 and /STB1 should be set High to reduce bias current in the
differential input buffers.
For a High level, all differential pairs should be configured with DB1, DB3, DB5, CLK1 and
/STB1 High and with DB2, DB4, DB6, CLK2 and /STB2 Low.
When operating in differential transmission mode, a 100 ohm (1%) resistor termination must
be connected between:
q
DB1 and DB2
q
DB3 and DB4
q
DB5 and DB6
q
CLK1 and CLK2
q
STB1 and STB2
with each resistor placed as close as possible to the STV7622 itself.
Table 6.
2 x 3 x 32-bit data bus transmission - differential mode
BS2
B12
DIR
Input
CLK1 clock pulse number
Comment
Position
01
↑
01
↓
02
↑
…
31
↓
32
↑
32
↓
H
L
L
DB1
DB2
OUT
01
04
07
184
187
190
Left/Right
shift
DB3
DB4
02
05
08
185
188
191
DB5
DB6
03
06
09
186
189
192
H
L
H
DB1
DB2
OUT
190
187
184
07
04
01
Right/Left
shift
DB3
DB4
191
188
185
08
05
02
DB5
DB6
192
189
186
09
06
03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com