Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7622BMP Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV7622BMP
Description  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622BMP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV7622BMP Datasheet HTML 8Page - STMicroelectronics STV7622BMP Datasheet HTML 9Page - STMicroelectronics STV7622BMP Datasheet HTML 10Page - STMicroelectronics STV7622BMP Datasheet HTML 11Page - STMicroelectronics STV7622BMP Datasheet HTML 12Page - STMicroelectronics STV7622BMP Datasheet HTML 13Page - STMicroelectronics STV7622BMP Datasheet HTML 14Page - STMicroelectronics STV7622BMP Datasheet HTML 15Page - STMicroelectronics STV7622BMP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Circuit description
STV7622
12/32
5.6
Power output block and EMI control
The high-voltage output stage has a totem pole structure (see Figure 3). The capacitive load
is charged to Vpp by the high-side N-channel transistor, T1, and discharged to ground by
the low-side N-channel transistor, T2. The status of the power outputs can also be controlled
by the configuration pins, POC and /BLK, which can set the power outputs either all High or
all Low.
Several functions, patented by STMicroelectronics, are implemented in the STV7622 to
reduce EMI:
SmartSlope: The falling edge of the output pulse consist of 2 slopes (Figure 6 below): a
smooth slope followed by a steeper one (typically 4 times faster) The duration of the first
slope is set by two logic inputs, FS1 and FS2, according to the table in Figure 6.
Figure 6.
Output falling edge
ConstantSlope: The duration of the output rising edge (Figure 7) is kept constant
independent of the value of the capacitive load connected to the output. This solution
minimizes the peak current in the power outputs as well as any oscillation phenomenon in
the power supplies. In addition, it reduces high-frequency components of the EMI spectrum
by suppressing very rapid rising edge transitions on the power outputs. The total duration of
the rising edge (tR-OUT) is set by another pair of logic inputs, RS1 and RS2, according to the
table in Figure 7 below.
Figure 7.
Output rising edge
90%
10%
t
F-SLOW
t
F-OUT
100ns
0
1
200ns
1
1
50ns
1
0
10ns
0
0
t
F-SLOW
FS1
FS2
90%
10%
t
R-OUT
R
S1
=1
RS
2=
1
400ns
0
1
560ns
1
1
230ns
1
0
120ns
0
0
t
R-OUT
RS1
RS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com