Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7622BMP Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV7622BMP
Description  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622BMP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV7622BMP Datasheet HTML 16Page - STMicroelectronics STV7622BMP Datasheet HTML 17Page - STMicroelectronics STV7622BMP Datasheet HTML 18Page - STMicroelectronics STV7622BMP Datasheet HTML 19Page - STMicroelectronics STV7622BMP Datasheet HTML 20Page - STMicroelectronics STV7622BMP Datasheet HTML 21Page - STMicroelectronics STV7622BMP Datasheet HTML 22Page - STMicroelectronics STV7622BMP Datasheet HTML 23Page - STMicroelectronics STV7622BMP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AC timing characteristics
STV7622
20/32
10
AC timing characteristics
VCC = VDD = 5V, VPP = 70 V, VSSP = VSSLOG = VSSSUB = 0V, Tamb = 25 °C,
Fclk= 60MHz, VILmax = 0.2 × VCC, VIHmin = 0.8 × VCC.
Table 12.
AC timing characteristics
Symbol
Parameter
Min
Typ
Max
Units
tPHL1
tPLH1
Delay of power output change after CLK1/CLK2 transition
- high to low
- low to high
-
-
35
30
100
100
ns
ns
tPHL2
tPLH2
Delay of power output change after /STB1/ STB2
transition
- high to low
- low to high
-
-
-
95
95
ns
ns
tPHL3
tPLH3
Delay of power output change after /BLK transition
- high to low
- low to high
-
-
25
20
90
90
ns
ns
tR-OUT
Power output rise time(1) (RS = “L” and RS2 = “L”)
90
120
150
ns
tR-OUT
Power output rise time(1) (RS = “H” and RS2 = “L”)
180
230
280
ns
tR-OUT
Power output rise time(1) (RS= “L” and RS2 = “H”)
320
400
480
ns
tR-OUT
Power output rise time(1) (RS = “H” and RS2 = “H”)
470
560
670
ns
tF-OUT
Power output fall time(2)
50
-
200
ns
tF-SLOW
Soft slope duration(3) (FS1 = “L” and FS2 = “L”)
8
10
12
ns
tF-SLOW
Soft slope duration(3) (FS1 = “H” and FS2 = “L”)
40
50
60
ns
tF-SLOW
Soft slope duration(3) (FS1 = “L” and FS2 = “H”)
80
100
120
ns
tF-SLOW
Soft slope duration(3) (FS1 = “H” and FS2 = “H”)
160
200
240
ns
1.
tR-OUT is set externally by inputs RS1 and RS2.
2.
Measurement made on one of the 192 power outputs with FS1 = “H” and FS2 = “L”. Load capacitor CL = 50 pF, all other
power outputs Low.
3.
tF-SLOW is set externally by inputs FS1 and FS2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com