Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7622BMP Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV7622BMP
Description  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622BMP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV7622BMP Datasheet HTML 13Page - STMicroelectronics STV7622BMP Datasheet HTML 14Page - STMicroelectronics STV7622BMP Datasheet HTML 15Page - STMicroelectronics STV7622BMP Datasheet HTML 16Page - STMicroelectronics STV7622BMP Datasheet HTML 17Page - STMicroelectronics STV7622BMP Datasheet HTML 18Page - STMicroelectronics STV7622BMP Datasheet HTML 19Page - STMicroelectronics STV7622BMP Datasheet HTML 20Page - STMicroelectronics STV7622BMP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
STV7622
Electrical characteristics
17/32
8
Electrical characteristics
VCC = VDD = 5V, VPP = 70 V, VSSP = VSSLOG = VSSSUB = 0V, TAMB = 25°C,
fCLK = 50 MHz, unless otherwise specified.
Table 10.
Electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Supply
Vdd
Digital supply voltage
4.50
5
5.5
V
Idd
Digital supply current (1)
-
10
µA
Iddl
Digital Dynamic Supply Current (CLK1 freq = 20MHz) (2)
-
15
20
mA
Idd
Digital Supply Current @ VIH = 2.0V
250
500
900
µA
Vcc
Analog supply voltage
4.50
5
5.5
V
Icc_1
Analog supply current in standard transmission mode
-
1.1
2
mA
Icc_2
Analog supply current in RSDS mode (that is, with
BS1 = BS2 = L) and with DB1, DB3, DB5, CLK1 and
/STB1 less than DB2, DB4, DB6, CLK2 and /STB2,
respectively
-
5
10
mA
Vpp
DC power output supply voltage
15
80
V
Ipph-1
Power output supply current (steady outputs)
@ VCC = 0V
-
-
20
µA
Ipph- 2
Power output supply current (steady outputs)
@ VCC = 5V and RS1 = RS2 = L
300
450
600
µA
OUT1 to OUT192
Vpouth
Power output high level (voltage drop versus Vpp)
@ Ipouth = - 20mA and Vpp = 70V
2
3.5
5
V
Vpoutl
Power output low level
@ Ipoutl = +20mA
3
6
10
V
Vdouth
Output upper diode voltage drop
@ Idouth = +30mA (see Figure 9)
-
1
2
V
Vdoutl
Output lower diode voltage drop
@ Idoutl = - 30mA (see Figure 9)
-2
-1
-
V
Standard Mode, TTL/LVCMOS inputs: CLK1, DIR, /STB1, POC, /BLK, BS1, BS2 and DB1 to DB6
VIH
High level input voltage
2.0
-
-
V
VIL
Low level input voltage
-
-
0.8
V
IIH
High level input current (VIH ≥ 2.0V)
-
-
5
µA
IIL
Low level input current (VIL = 0V)
-
-
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com