Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7622BMP Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV7622BMP
Description  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622BMP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV7622BMP Datasheet HTML 15Page - STMicroelectronics STV7622BMP Datasheet HTML 16Page - STMicroelectronics STV7622BMP Datasheet HTML 17Page - STMicroelectronics STV7622BMP Datasheet HTML 18Page - STMicroelectronics STV7622BMP Datasheet HTML 19Page - STMicroelectronics STV7622BMP Datasheet HTML 20Page - STMicroelectronics STV7622BMP Datasheet HTML 21Page - STMicroelectronics STV7622BMP Datasheet HTML 22Page - STMicroelectronics STV7622BMP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
STV7622
AC timing requirements
19/32
9
AC timing requirements
VCC = VDD = 4.5 V to 5.5 V, Tamb = -20°C to +85°C,
input signal edge maximum rise and fall times (tr, tf) = 3ns.
Table 11.
AC timing requirements
Symbol
Parameter
Min.
Typ.
Max.
Units
tCLK
Data clock period
16.7
-
-
ns
tWHCLK
Duration of clock pulse at high level
8.8
-
-
ns
tWLCLK
Duration of clock pulse at low level
8.8
-
-
ns
tSDAT
Input data set-up time before low-to-high clock transition
5
-
-
ns
tHDAT
Input data hold-time after low-to-high clock transition
5
-
-
ns
tHSTB
Strobe hold-time after low-to-high clock transition
5
-
-
ns
tSTB
Duration of strobe Low level
10
-
-
ns
tSSTB
Strobe set-up time before low-to-high clock transition
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com